전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA3474 데이터시트(PDF) 4 Page - Rohm

부품명 BA3474
상세설명  High Speed with High Voltage Operational Amplifiers
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BA3474 데이터시트(HTML) 4 Page - Rohm

  BA3474 Datasheet HTML 1Page - Rohm BA3474 Datasheet HTML 2Page - Rohm BA3474 Datasheet HTML 3Page - Rohm BA3474 Datasheet HTML 4Page - Rohm BA3474 Datasheet HTML 5Page - Rohm BA3474 Datasheet HTML 6Page - Rohm BA3474 Datasheet HTML 7Page - Rohm BA3474 Datasheet HTML 8Page - Rohm BA3474 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR0G200100-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
4/39
27.FEB.2012 Rev.001
TSZ22111・15・001
BA3472, BA3472R, BA3474, BA3474R
BA3472R (Unless otherwise specified VCC=+15[V], VEE=-15[V], Ta=25[℃])
Parameter
Symbol
Temperature
range
Limits
Unit
Condition
BA3472RFVM
Min.
Typ.
Max.
Input Offset Voltage
(*4)
Vio
25℃
-
1
10
mV
Vicm=0[V],VOUT=0[V]
-
1.5
10
VCC=5[V],VEE=0[V],Vicm=0[V],
VOUT=VCC/2
Input Offset Current
(*4)
Iio
25℃
-
6
75
nA
Vicm=0[V],VOUT=0[V]
Input Bias Current
(*4)
Ib
25℃
-
100
500
nA
Vicm=0[V],VOUT=0[V]
Supply Current
ICC
25℃
-
4
5.5
mA
RL=∞
High Level Output Voltage
VOH
25℃
3.7
4
-
V
VCC=5[V],RL=2[kΩ]
13.7
14
-
RL=10[kΩ]
13.5
-
-
RL=2[kΩ]
Low Level Output Voltage
VOL
25℃
-
0.1
0.3
V
VCC=5[V],RL=2[kΩ]
-
-14.7
-14.3
RL=10[kΩ]
-
-
-13.5
RL=2[kΩ]
Large Signal Voltage Gain
AV
25℃
80
100
-
dB
RL≧2[kΩ],VOUT=±10 [V]
Input Common-mode
Voltage Range
Vicm
25℃
0
-
VCC-2.0
V
VCC=5[V],VEE=0[V],
VOUT=VCC/2
Common-mode Rejection Ratio
CMRR
25℃
60
97
-
dB
Vicm=0[V],VOUT=0[V]
Power Supply Rejection Ratio
PSRR
25℃
60
97
-
dB
Vicm=0[V],VOUT=0[V]
Output Source Current
(*5)
IOH
25℃
10
30
-
mA
VCC=5[V],VIN+=1[V],
VIN-=0[V], VOUT=0[V]
Only 1ch is short circuit
Output Sink Current
(*5)
IOL
25℃
20
30
-
mA
VCC=5[V],VIN+=0[V],
VIN-=1[V], VOUT=5[V]
Only 1ch is short circuit
Maximum Frequency
ft
25℃
-
4
-
MHz
-
Slew Rate
SR
25℃
-
10
-
V/μs Av=1,Vin=-10 to +10[V],
RL=2[kΩ]
Channel Separation
CS
25℃
-
120
-
dB
-
(*4)
Absolute value
(*5)
Under high temperatures, please consider the power dissipation when selecting the output current.
When the output terminal is continuously shorted the output current reduces the internal temperature by flushing.


유사한 부품 번호 - BA3474

제조업체부품명데이터시트상세설명
logo
Rohm
BA3474F ROHM-BA3474F Datasheet
150Kb / 5P
   SILICON MONOLITHIC INTEGRATED CIRCUIT
BA3474F ROHM-BA3474F Datasheet
571Kb / 21P
   High Speed with High Voltage Operational Amplifiers
BA3474F ROHM-BA3474F Datasheet
1Mb / 40P
   High Speed with High Voltage Operational Amplifiers
BA3474F-E2 ROHM-BA3474F-E2 Datasheet
694Kb / 32P
   High Speed with High Voltage Operational Amplifiers
BA3474F-E2 ROHM-BA3474F-E2 Datasheet
1Mb / 40P
   High Speed with High Voltage Operational Amplifiers
More results

유사한 설명 - BA3474

제조업체부품명데이터시트상세설명
logo
Rohm
BA3472F ROHM-BA3472F_11 Datasheet
571Kb / 21P
   High Speed with High Voltage Operational Amplifiers
BA3472FE2 ROHM-BA3472FE2 Datasheet
694Kb / 32P
   High Speed with High Voltage Operational Amplifiers
BA3474F-E2 ROHM-BA3474F-E2 Datasheet
1Mb / 40P
   High Speed with High Voltage Operational Amplifiers
BU7291G ROHM-BU7291G Datasheet
605Kb / 27P
   High Speed with Low Voltage CMOS Operational Amplifiers
BU5281G-TR ROHM-BU5281G-TR Datasheet
608Kb / 27P
   High Speed with Low Voltage CMOS Operational Amplifiers
BA3472F ROHM-BA3472F_09 Datasheet
601Kb / 10P
   Operational Amplifiers: High Speed
logo
Texas Instruments
TLV2342 TI-TLV2342 Datasheet
519Kb / 34P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE HIGH-SPEED OPERATIONAL AMPLIFIERS
TLV2342 TI1-TLV2342_15 Datasheet
1Mb / 43P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE HIGH-SPEED OPERATIONAL AMPLIFIERS
logo
Rohm
BA3472YFC ROHM-BA3472YFC Datasheet
659Kb / 32P
   Automotive High Speed Operational Amplifiers
BA3472YFV-C ROHM-BA3472YFV-C Datasheet
750Kb / 32P
   Automotive High Speed Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com