전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

8TT100 데이터시트(PDF) 6 Page - Vishay Siliconix

부품명 8TT100
상세설명  High Performance Schottky Generation 5.0, 8 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

8TT100 데이터시트(HTML) 6 Page - Vishay Siliconix

  8TT100 Datasheet HTML 1Page - Vishay Siliconix 8TT100 Datasheet HTML 2Page - Vishay Siliconix 8TT100 Datasheet HTML 3Page - Vishay Siliconix 8TT100 Datasheet HTML 4Page - Vishay Siliconix 8TT100 Datasheet HTML 5Page - Vishay Siliconix 8TT100 Datasheet HTML 6Page - Vishay Siliconix 8TT100 Datasheet HTML 7Page - Vishay Siliconix 8TT100 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94536
6
Revision: 05-Sep-08
8TT100
Vishay High Power Products
High Performance
Schottky Generation 5.0, 8 A
ORDERING INFORMATION TABLE
Device code
1
-
Current rating (8 A)
2
-
Package:
T = TO-220
3
-
T = Trench
4
-
Voltage code (100 V)
Tube standard pack quantity: 50 pieces
13
24
8
T
T
100
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95221
Part marking information
http://www.vishay.com/doc?95224
SPICE model
http://www.vishay.com/doc?95231


유사한 설명 - 8TT100

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
16CTT100 VISHAY-16CTT100 Datasheet
113Kb / 7P
   High Performance Schottky Generation 5.0, 2 x 8 A
Revision: 08-Sep-08
VS-20WT04FN VISHAY-VS-20WT04FN Datasheet
123Kb / 7P
   High Performance Schottky Generation 5.0, 20 A
Revision: 20-Jan-09
21TT100 VISHAY-21TT100_12 Datasheet
164Kb / 8P
   High Performance Schottky Generation 5.0, 20 A
Revision: 05-Sep-08
MBR10T100 VISHAY-MBR10T100_12 Datasheet
146Kb / 8P
   High Performance Schottky Generation 5.0, 10 A
Revision: 24-Jul-08
63CPT100 VISHAY-63CPT100 Datasheet
92Kb / 7P
   High Performance Schottky Generation 5.0, 60 A
22-Oct-07
20TT100 VISHAY-20TT100_08 Datasheet
111Kb / 7P
   High Performance Schottky Generation 5.0, 20 A
Revision: 05-Sep-08
MBR10T100 VISHAY-MBR10T100_V01 Datasheet
144Kb / 8P
   High Performance Schottky Generation 5.0, 10 A
02-Oct-12
20TT100 VISHAY-20TT100_V01 Datasheet
151Kb / 8P
   High Performance Schottky Generation 5.0, 20 A
02-Oct-12
18TT045-F VISHAY-18TT045-F_V01 Datasheet
140Kb / 8P
   High Performance Schottky Generation 5.0, 18 A
02-Oct-12
18TT045-F VISHAY-18TT045-F Datasheet
141Kb / 8P
   High Performance Schottky Generation 5.0, 18 A
Revision: 01-Apr-09
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com