전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2903N 데이터시트(PDF) 2 Page - Tiger Electronic Co.,Ltd

부품명 LM2903N
상세설명  Dual Differential Comparators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TGS [Tiger Electronic Co.,Ltd]
홈페이지  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

LM2903N 데이터시트(HTML) 2 Page - Tiger Electronic Co.,Ltd

  LM2903N Datasheet HTML 1Page - Tiger Electronic Co.,Ltd LM2903N Datasheet HTML 2Page - Tiger Electronic Co.,Ltd LM2903N Datasheet HTML 3Page - Tiger Electronic Co.,Ltd LM2903N Datasheet HTML 4Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PIN DESCRIPTIONS
No
Description
Symbol
No
Description
Symbol
1
Output 1
OUT1
5
+Input2
IN2(+)
2
-Input1
IN1(-)
6
-Input2
IN2(-)
3
+Input1
IN1(+)
7
Output 2
OUT1
4
Ground
GND
8
Supply Voltage
Vcc
ABSOLUTE MAXIMUM RATINGS
Characteristics
Symbol
Min.
Max.
Unit
Single supply voltage
±18
Supply Voltage
Dual supplies voltage
Vcc
36
V
Differential Input Voltage
VIDR
36
V
Input common-mode voltage
VICR
-0.3
36
V
Output short-circuit to ground
IOG
20
mA
Input Current
IIN
50
mA
Maximum junction temperature
TJ
125
DIP8
570
Power Dissipation
SOP8
PD
300
mW
Operating Temperature Range
Tamb
-20
+85
Storage Temperature Range
Tstg
-65
150
ELECTRICAL CHARACTERISTICS (Unless otherwise specified :Vcc=5V,Tamb=25℃)
Characteristics
Test conditions
Symbo
Mi
Typ.
Max
Unit
±1.0
±5.0
Input Offset Voltage
0℃
≤ Ta ≤ 70℃
VIO
±9.0
mV
±5.0
±50
Input Offset Current
0℃
≤ Ta ≤ 70℃
IIO
±150
nA
25
250
Input Bias Current
0℃
≤ Ta ≤ 70℃
IIB
400
nA
0
Vcc-1.5
Input
Common-mode
Voltage Range
0℃
≤ Ta ≤ 70℃
VICR
0
Vcc-2.0
V
RL=
∞ dual comparator
0.4
1.0
Supply Current
RL=
∞,dual comparator Vcc=30V
Icc
2.5
mA
Voltage Gain
RL
≥ 15KΩ,Vcc=15V
Gv
50
200
V/mV
Large Signal Response
Time
VIN=TTL Logic Swing,VREF=1.4V,
VRL=5.0V, RL=5.1K
tRES
300
ns
Response Time
VRL=5.0V, RL=5.1K
tRES
1.3
ns
Input Differential Voltage
VID
Vcc
V
Output Sink Current
VIN(-)
≥ 1.0V,VIN(+)=0V,Vo ≤ 1.5V
ISINK
6.0
16
mA
VIN(-)
≥ 1.0V,VIN(+)=0V,ISINK ≤ 4.0mA
130
400
output saturation voltage
VIN(-)
≥ 1.0V,VIN(+)=0V,ISINK ≤ 4.0mA
0℃
≤ Ta ≤ 70℃
VSAT
700
mV
VIN(+)
≥ 1.0V,VIN(-)=0V,Vo=5.0V
0.1
Output Leakage Current
VIN(+)
≥ 1.0V,VIN(-)=0V,Vo=30V
0℃
≤ Ta ≤ 70℃
IOL
1000
nA
LM2903N/D
2/4


유사한 부품 번호 - LM2903N

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
LM2903N MOTOROLA-LM2903N Datasheet
136Kb / 6P
   SINGLE SUPPLY, LOW POWER DUAL COMPARATORS
logo
Fairchild Semiconductor
LM2903N FAIRCHILD-LM2903N Datasheet
155Kb / 8P
   Dual Differential Comparator
logo
National Semiconductor ...
LM2903N NSC-LM2903N Datasheet
322Kb / 15P
   Low Power Low Offset Voltage Dual Comparators
logo
Texas Instruments
LM2903N TI1-LM2903N Datasheet
1Mb / 29P
[Old version datasheet]   Low-Power, Low-Offset Voltage, Dual Comparators
logo
NXP Semiconductors
LM2903N PHILIPS-LM2903N Datasheet
121Kb / 6P
   Low power dual voltage comparator
1995 Nov 27
More results

유사한 설명 - LM2903N

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM193-MIL TI1-LM193-MIL Datasheet
329Kb / 16P
[Old version datasheet]   Dual Differential Comparators
LM2903-Q1 TI1-LM2903-Q1 Datasheet
212Kb / 9P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM193 TI1-LM193_16 Datasheet
887Kb / 25P
[Old version datasheet]   Dual Differential Comparators
logo
Shenzhen Huazhimei Semi...
LM393 HMSEMI-LM393 Datasheet
285Kb / 4P
   Dual Differential Comparators
logo
Texas Instruments
TL393CD TI-TL393CD Datasheet
264Kb / 11P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM193DRG4 TI-LM193DRG4 Datasheet
1Mb / 30P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
NCV2903VDR2G TI-NCV2903VDR2G Datasheet
1Mb / 30P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
TLV1393 TI-TLV1393 Datasheet
254Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM193 TI-LM193 Datasheet
413Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
logo
Wing Shing Computer Com...
LM393 WINGS-LM393 Datasheet
79Kb / 3P
   Dual Differential Comparators
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com