전자부품 데이터시트 검색엔진 |
|
ES1B 데이터시트(PDF) 2 Page - Tiger Electronic Co.,Ltd |
|
ES1B 데이터시트(HTML) 2 Page - Tiger Electronic Co.,Ltd |
2 / 2 page bufanGIANTION ELECTRONIC FIG. 1 -- TYPICAL FORWARD CHARACTERISTIC FIG. 2 -- TYPICAL JUNCTION CAPACITANCE 10 100 3.0 30 Pulse width=300us 1% duly cycle 0.1 3.0 Tj = 25 ℃ 1.0 0.4 10 0.04 Pulse Width = 300μS 1 % Duly Cycle 0 1.0 0.4 0.6 0.8 1.0 1.2 1.4 10 100 INSTANTANEOUS FORWARD VOLTAGE / VOLTS REVERSE VOLTAGE / VOLTS 1.6 1.8 1.0 4.0 FIG. 3 -- FORWARD CURRENT DERATING CURVE 1.5 Single Phase Half Wave 60HZ Resistive or Inductive Load 1.0 0.5 175 Tj = 125 ℃ 15 8.3 ms Single Half Sing -Wave 10 5 0 0 25 50 75 100 125 150 200 0 1.0 2.0 FIG. 4 -- PEAK FORWARD SURGE CURRENT 30 25 20 10 20 100 AMBIENT TEMPERATURE / ℃ NUMBER OF CYCLES AT 60HZ FIG. 5 -- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC 50Ω 10Ω trr N.1. N.1. N.1. 0.5A ( - ) ( + ) D.U.T NOTES: PULSE GENERATOR 0 50 Vdc (APPROX) ( NOTE 2 ) 0.25A 1Ω ( - ) bufanGIANTION ELECTRONICS ES1A THRU ES1J 1.0A 1. RISE TIME = 7n SEC MAX. INPUT IMPEDANCE = 1 MEGOHM. 22PF 2. RISE TIME = 10n SEC MAX. SOURCE IMPEDANCE = 50 OHM. SET TIME BASE FOR 15 ns / cm OSCILLOSCOPE ( NOTE ) ( + ) |
유사한 부품 번호 - ES1B |
|
유사한 설명 - ES1B |