전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS1002IM8TP 데이터시트(PDF) 6 Page - Touchstone Semiconductor Inc

부품명 TS1002IM8TP
상세설명  THE ONLY 0.8V/0.6uA RAIL-TO-RAIL DUAL/QUAD OP AMPS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOUCHSTONE [Touchstone Semiconductor Inc]
홈페이지  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS1002IM8TP 데이터시트(HTML) 6 Page - Touchstone Semiconductor Inc

Back Button TS1002IM8TP Datasheet HTML 2Page - Touchstone Semiconductor Inc TS1002IM8TP Datasheet HTML 3Page - Touchstone Semiconductor Inc TS1002IM8TP Datasheet HTML 4Page - Touchstone Semiconductor Inc TS1002IM8TP Datasheet HTML 5Page - Touchstone Semiconductor Inc TS1002IM8TP Datasheet HTML 6Page - Touchstone Semiconductor Inc TS1002IM8TP Datasheet HTML 7Page - Touchstone Semiconductor Inc TS1002IM8TP Datasheet HTML 8Page - Touchstone Semiconductor Inc TS1002IM8TP Datasheet HTML 9Page - Touchstone Semiconductor Inc TS1002IM8TP Datasheet HTML 10Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TS1002/TS1004
Page 6
TS1002_4DS r1p0
RTFDS
0.1Hz to 10Hz Output Voltage Noise
TYPICAL PERFORMANCE CHARACTERISTICS
Output Short Circuit Current, ISC+ vs Temperature
Output Short Circuit Current, ISC- vs Temperature
Large-Signal Transient Response
VDD = 2.5V, VSS = GND, RLOAD = 100kΩ, CLOAD = 15pF
200µs/DIV
Small-Signal Transient Response
VDD = 2.5V, VSS = GND, RLOAD = 100kΩ, CLOAD = 15pF
2ms/DIV
TEMPERATURE -
°C
TEMPERATURE -
°C
-40
+25
+85
-40
+25
+85
VDD = 0.8V
VDD = 2.5V
VDD = 0.8V
VDD = 2.5V
VOUT = 0V
VOUT = VDD
25
15
0
5
10
20
50
30
0
10
20
40
60
70
Gain and Phase vs. Frequency
FREQUENCY - Hz
10
1k
10k
100
40
-20
0
20
60
50
-250
-150
-50
150
100k
VDD = 0.8V
TA = +25
°C
RL = 100kΩ
CL = 20pF
AVCL = 1000 V/V
PHASE
GAIN
4kHz
70
°
1 Second/DIV
130µVPP


유사한 부품 번호 - TS1002IM8TP

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
TS1002IM8T SILABS-TS1002IM8T Datasheet
1Mb / 14P
   THE ONLY 0.8V/0.6A RAIL-TO-RAIL DUAL/QUAD OP AMPS
More results

유사한 설명 - TS1002IM8TP

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
TS1002 SILABS-TS1002 Datasheet
1Mb / 14P
   THE ONLY 0.8V/0.6A RAIL-TO-RAIL DUAL/QUAD OP AMPS
logo
Touchstone Semiconducto...
TS1003 TOUCHSTONE-TS1003 Datasheet
882Kb / 11P
   THE ONLY 0.8V TO 5.5V, 0.6uA RAIL-TO-RAIL SINGLE OP AMP
TS1001 TOUCHSTONE-TS1001 Datasheet
507Kb / 11P
   THE ONLY 0.8V/0.6 RAIL-TO-RAIL OP AMP
logo
Silicon Laboratories
TS1001 SILABS-TS1001 Datasheet
1Mb / 12P
   THE ONLY 0.8V/0.6A RAIL-TO-RAIL OP AMP
logo
List of Unclassifed Man...
TS1001 ETC-TS1001 Datasheet
518Kb / 11P
   THE ONLY 0.8V/0.6關A RAIL-TO-RAIL OP AMP
logo
Silicon Laboratories
TS1003 SILABS-TS1003 Datasheet
1Mb / 13P
   THE ONLY 0.8V TO 5.5V, 0.6A RAIL-TO-RAIL SINGLE OP AMP
logo
Linear Technology
LT1679 LINER-LT1679_15 Datasheet
298Kb / 16P
   Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
LT1678 LINER-LT1678_15 Datasheet
298Kb / 16P
   Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
LT1678 LINER-LT1678 Datasheet
297Kb / 16P
   Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
LT1490A LINER-LT1490A_15 Datasheet
234Kb / 18P
   Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com