전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS1101-200EG6T 데이터시트(PDF) 9 Page - Touchstone Semiconductor Inc

부품명 TS1101-200EG6T
상세설명  A 1uA, 2V to 25V Bidirectional Precision Current-Sense Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOUCHSTONE [Touchstone Semiconductor Inc]
홈페이지  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS1101-200EG6T 데이터시트(HTML) 9 Page - Touchstone Semiconductor Inc

Back Button TS1101-200EG6T Datasheet HTML 3Page - Touchstone Semiconductor Inc TS1101-200EG6T Datasheet HTML 4Page - Touchstone Semiconductor Inc TS1101-200EG6T Datasheet HTML 5Page - Touchstone Semiconductor Inc TS1101-200EG6T Datasheet HTML 6Page - Touchstone Semiconductor Inc TS1101-200EG6T Datasheet HTML 7Page - Touchstone Semiconductor Inc TS1101-200EG6T Datasheet HTML 8Page - Touchstone Semiconductor Inc TS1101-200EG6T Datasheet HTML 9Page - Touchstone Semiconductor Inc TS1101-200EG6T Datasheet HTML 10Page - Touchstone Semiconductor Inc TS1101-200EG6T Datasheet HTML 11Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
TS1101
TS1101DS r1p0
Page 9
RTFDS
The other attribute of the SIGN comparator’s
behavior is its propagation delay as a function of
applied VSENSE [(VRS+ - VRS-) or (VRS- - VRS+)]. As
shown in Figure
, the SIGN comparator’s
propagation delay behavior is symmetric regardless
of current-flow direction and is inversely proportional
to VSENSE.
APPLICATIONS INFORMATION
Choosing the Sense Resistor
Selecting the optimal value for the external RSENSE
is based on the following criteria and for each
commentary follows:
1) RSENSE Voltage Loss
2) VOUT Swing vs. Applied Input Voltage at VRS+
and Desired VSENSE
3) Total ILOAD Accuracy
4) Circuit Efficiency and Power Dissipation
5) RSENSE Kelvin Connections
1) RSENSE Voltage Loss
For lowest IR power dissipation in RSENSE, the
smallest usable resistor value for RSENSE should
be selected.
2) VOUT Swing vs. Applied Input Voltage at VRS+
and Desired VSENSE
As there is no separate power supply pin for the
TS1101, the circuit draws its power from the voltage
at its RS+ and RS- terminals. Therefore, the signal
voltage at the OUT terminal is bounded by the
minimum voltage applied at the RS+ terminal.
Therefore,
VOUT(max) = VRS+(min) - VSENSE(max) – VOH(max)
and
RS NS
VO T max
GAIN
ILOAD max
where the full-scale VSENSE should be less than
VOUT(MAX)/GAIN at the application’s minimum RS+
terminal voltage. For best performance with a 3.6V
power supply, RSENSE should be chosen to
generate a VSENSE of: a) 120mV (for the 25V/V GAIN
option), b) 60mV (for the 50V/V GAIN option), c)
30mV (for the 100V/V GAIN option), or d) 15mV (for
the 200V/V GAIN option) at the full-scale ILOAD
current in each application. For the case where the
minimum power supply voltage is higher than 3.6V,
each of the four full-scale VSENSEs above can be
increased.
3) Total Load Current Accuracy
In
the
TS1101
’s
linear
region
where
VOUT < VOUT(max), there are two specifications related
to the circuit’s accuracy: a the TS1101’s input offset
voltage (VOS(max) = 100μV and b) its gain error
(GE(max) = 0.6%). An expression for the TS1101
’s
total error is given by:
VOUT = [GAIN x (1 ± GE) x VSENSE] ± (GAIN x VOS)
A large value for RSENSE permits the use of smaller
load currents to be measured more accurately
because the effects of offset voltages are less
significant
when
compared
to
larger
VSENSE
voltages. Due care though should be exercised as
previously mentioned with large values of RSENSE.
4) Circuit Efficiency and Power Dissipation
IR losses in RSENSE can be large especially at high
load currents. It is important to select the smallest,
usable RSENSE value to minimize power dissipation
and to keep the physical size of RSENSE small. If
the external RSENSE is allowed to dissipate
significant power, then its inherent temperature
coefficient may alter its design center value, thereby
reducing
load
current
measurement
accuracy.
Precisely because the TS1101
’s input stage was
designed to exhibit a very low input offset voltage,
small RSENSE values can be used to reduce power
dissipation and minimize local hot spots on the pcb.
5) RSENSE Kelvin Connections
For optimal VSENSE accuracy in the presence of large
load currents, parasitic pcb track resistance should
be
minimized.
Kelvin-sense
pcb
connections
between RSENSE and the TS1101
’s RS+ and RS-
terminals are strongly recommended. The drawing in
Figure 3 illustrates the connections between


유사한 부품 번호 - TS1101-200EG6T

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
TS1101-200EG6 SILABS-TS1101-200EG6 Datasheet
1Mb / 20P
   High Side Bidirectional and Unidirectional Current Sense Amplifier
More results

유사한 설명 - TS1101-200EG6T

제조업체부품명데이터시트상세설명
logo
Touchstone Semiconducto...
TS1100 TOUCHSTONE-TS1100 Datasheet
771Kb / 11P
   A 1uA, 2V to 25V SOT23 Precision Current-Sense Amplifier
TSM9938 TOUCHSTONE-TSM9938 Datasheet
751Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
TSM9634 TOUCHSTONE-TSM9634 Datasheet
746Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
logo
Maxim Integrated Produc...
MAX9938 MAXIM-MAX9938_11 Datasheet
523Kb / 14P
   1uA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 6; 1/11
logo
Touchstone Semiconducto...
TS1103 TOUCHSTONE-TS1103 Datasheet
1Mb / 11P
   A 1關A, 200關VOS Bidirectional Precision Current-Sense Amplifier
logo
Silicon Laboratories
TSM9634F SILABS-TSM9634F Datasheet
1Mb / 12P
   Precision Current-Sense Amplifier
logo
STMicroelectronics
TSC2012 STMICROELECTRONICS-TSC2012 Datasheet
1Mb / 54P
   High voltage, precision, bidirectional current sense amplifiers
Rev 4 - August 2020
logo
Analog Devices
AD8417 AD-AD8417_17 Datasheet
344Kb / 16P
   Bidirectional, Zero Drift, Current Sense Amplifier
logo
Linear Technology
LT1999-50 LINER-LT1999-50_15 Datasheet
1,003Kb / 26P
   High Voltage, Bidirectional Current Sense Amplifier
logo
Analog Devices
AD8418 AD-AD8418 Datasheet
300Kb / 16P
   Bidirectional, Zero Drift, Current Sense Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com