전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BYG23T 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 BYG23T
상세설명  High Voltage Ultrafast Avalanche SMD Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYG23T 데이터시트(HTML) 1 Page - Vishay Siliconix

  BYG23T Datasheet HTML 1Page - Vishay Siliconix BYG23T Datasheet HTML 2Page - Vishay Siliconix BYG23T Datasheet HTML 3Page - Vishay Siliconix BYG23T Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BYG23T
www.vishay.com
Vishay General Semiconductor
Revision: 13-Oct-11
1
Document Number: 89429
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Voltage Ultrafast Avalanche SMD Rectifiers
TYPICAL APPLICATIONS
For use in high voltage, high frequency rectification specially
suited for freewheeling, clamping, snubbering in power
supply, ignition drive of HID, UHP and industrial ballast and
snubber for PDP TV power supply application.
FEATURES
• Glass passivated junction
• Low profile package
• Ideal for automated placement
• Low reverse current
• High reverse voltage
• Ultra fast reverse recovery time
• Meets MSL level 1, per J-STD-020, LF maximum peak of
260 °C
• Compliant
to
RoHS
Directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
• Halogen-free according to IEC 61249-2-21 definition
MECHANICAL DATA
Case: DO-214AC (SMA)
Molding compound meets UL 94 V-0 flammability rating
Base P/N-M3 - halogen-free, RoHS compliant, and
commercial grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 1A whisker test
Polarity: Color band denotes the cathode end
Note
• Free air, mounted on recommended copper pad area
PRIMARY CHARACTERISTICS
IF(AV)
1.0 A
VRRM
1300 V
IFSM
18 A
trr
75 ns
ER
5 mJ
VF at IF = 1.0 A (TA = 125 °C)
1.39 V
TJ max.
150 °C
DO-214AC (SMA)
MAXIMUM RATINGS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
BYG23T
UNIT
Device marking code
BYG23T
Maximum repetitive peak reverse voltage
VRRM
1300
V
Maximum DC forward current (fig.1)
IF (1)
1.0
A
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load
IFSM
18
A
Pulse energy in avalanche mode, non repetitive
(inductive load switch off) I(BR)R = 0.4 A, TL = 25 °C
ER
5mJ
Maximum operating junction temperature
TJ
150
°C
Storage temperature range
TSTG
- 55 to + 150
°C


유사한 부품 번호 - BYG23T

제조업체부품명데이터시트상세설명
logo
Diotec Semiconductor
BYG23T DIOTEC-BYG23T Datasheet
154Kb / 2P
   Ultrafast Avalanche SMD Rectifier Diodes
logo
Shenzhen Luguang Electr...
BYG23T LUGUANG-BYG23T Datasheet
534Kb / 3P
   High Voltage UltraFast Avalanche SMD Rectifiers
Revision:20220418-P1
logo
Vishay Siliconix
BYG23T-M3 VISHAY-BYG23T-M3 Datasheet
99Kb / 5P
   Glass passivated pellet chip junction
Revision: 19-Feb-15
BYG23T-M3 VISHAY-BYG23T-M3 Datasheet
97Kb / 5P
   High Voltage Ultrafast Avalanche SMD Rectifiers
01-Jan-2022
BYG23T-M3 VISHAY-BYG23T-M3_V01 Datasheet
97Kb / 5P
   High Voltage Ultrafast Avalanche SMD Rectifiers
01-Jan-2022
More results

유사한 설명 - BYG23T

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
BYG23T-M3 VISHAY-BYG23T-M3_V01 Datasheet
97Kb / 5P
   High Voltage Ultrafast Avalanche SMD Rectifiers
01-Jan-2022
logo
Shenzhen Luguang Electr...
BYG23T LUGUANG-BYG23T Datasheet
534Kb / 3P
   High Voltage UltraFast Avalanche SMD Rectifiers
Revision:20220418-P1
logo
EIC discrete Semiconduc...
BYG20D EIC-BYG20D Datasheet
151Kb / 2P
   ULTRAFAST AVALANCHE RECTIFIERS
logo
Vishay Siliconix
BYG20D VISHAY-BYG20D_15 Datasheet
96Kb / 6P
   Ultrafast Avalanche SMD Rectifier
Revision: 19-Feb-15
BYG20J-TR VISHAY-BYG20J-TR Datasheet
93Kb / 5P
   Ultrafast Avalanche SMD Rectifier
Revision: 21-Dec-11
BYG20D VISHAY-BYG20D_V01 Datasheet
109Kb / 5P
   Ultrafast Avalanche SMD Rectifier
01-Jan-2022
BYG22A VISHAY-BYG22A Datasheet
109Kb / 5P
   Ultrafast Avalanche SMD Rectifier
Revision: 27-Aug-07
BYG23M VISHAY-BYG23M_07 Datasheet
101Kb / 4P
   Ultrafast Avalanche SMD Rectifier
Revision: 27-Aug-07
BYG22DTR3 VISHAY-BYG22DTR3 Datasheet
94Kb / 5P
   Ultrafast Avalanche SMD Rectifier
Revision: 21-Dec-11
BYG20J-E3 VISHAY-BYG20J-E3 Datasheet
93Kb / 5P
   Ultrafast Avalanche SMD Rectifier
Revision: 21-Dec-11
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com