전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC5225S 데이터시트(PDF) 4 Page - Sanken electric

부품명 LC5225S
상세설명  Hybrid Integrated Circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANKEN [Sanken electric]
홈페이지  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

LC5225S 데이터시트(HTML) 4 Page - Sanken electric

  LC5225S Datasheet HTML 1Page - Sanken electric LC5225S Datasheet HTML 2Page - Sanken electric LC5225S Datasheet HTML 3Page - Sanken electric LC5225S Datasheet HTML 4Page - Sanken electric LC5225S Datasheet HTML 5Page - Sanken electric LC5225S Datasheet HTML 6Page - Sanken electric LC5225S Datasheet HTML 7Page - Sanken electric LC5225S Datasheet HTML 8Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LED Lighting IC
LC5225S
SANKEN ELECTRIC CO.,LTD.
4/8
13 October 2011
Thermal Data
Power Dissipation versus Ambient Temperature
0
25
50
75
100
125
150
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
Total Power Dissipation PD[W]
0
0.2
0.4
0.6
0.8
1
0
25
50
75
100
125
150
Ambient Temperature Ta[℃]
PD=0.85W


유사한 부품 번호 - LC5225S

제조업체부품명데이터시트상세설명
logo
Sanken electric
LC5225S SANKEN-LC5225S Datasheet
271Kb / 11P
   Off-Line DC / DC LED Driver ICs
More results

유사한 설명 - LC5225S

제조업체부품명데이터시트상세설명
logo
Sanken electric
LC5202S SANKEN-LC5202S Datasheet
279Kb / 8P
   Hybrid Integrated Circuit
LC5203D SANKEN-LC5203D Datasheet
431Kb / 8P
   Hybrid Integrated Circuit
LC5210D SANKEN-LC5210D Datasheet
430Kb / 8P
   Hybrid Integrated Circuit
LC5223D SANKEN-LC5223D Datasheet
451Kb / 10P
   Hybrid Integrated Circuit
LC5222D SANKEN-LC5222D Datasheet
451Kb / 11P
   Hybrid Integrated Circuit
LC5222S SANKEN-LC5222S Datasheet
288Kb / 8P
   Hybrid Integrated Circuit
LC5226D SANKEN-LC5226D Datasheet
451Kb / 8P
   Hybrid Integrated Circuit
LC5205S SANKEN-LC5205S Datasheet
279Kb / 8P
   Hybrid Integrated Circuit
LC5225D SANKEN-LC5225D Datasheet
451Kb / 8P
   Hybrid Integrated Circuit
LC5202D SANKEN-LC5202D Datasheet
436Kb / 16P
   Hybrid Integrated Circuit
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com