전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC5523F 데이터시트(PDF) 1 Page - Sanken electric

부품명 LC5523F
상세설명  Hybrid IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANKEN [Sanken electric]
홈페이지  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

LC5523F 데이터시트(HTML) 1 Page - Sanken electric

  LC5523F Datasheet HTML 1Page - Sanken electric LC5523F Datasheet HTML 2Page - Sanken electric LC5523F Datasheet HTML 3Page - Sanken electric LC5523F Datasheet HTML 4Page - Sanken electric LC5523F Datasheet HTML 5Page - Sanken electric LC5523F Datasheet HTML 6Page - Sanken electric LC5523F Datasheet HTML 7Page - Sanken electric LC5523F Datasheet HTML 8Page - Sanken electric LC5523F Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SANKEN ELECTRIC CO., LTD.
http://www.sanken-ele.co.jp/en/
LC5523F
Description
The LC5500 series is the power IC for the LED driver
which has an incorporated power MOSFET, designed for
input capacitorless applications, and making it possible for
systems to comply with the harmonics standard (IEC61000-
3-2 class C). The controller adapts the average current
control method for realizing high power factors, and the
quasi-resonant topology contributes to high efficiency and
low EMI noise.
The rich set of protection features helps to realize low com-
ponent counts, and high performance-to-cost power supply.
The LC5523F is intended for isolated designs. The incor-
porated MOSFET has a VDSS(min) rating of 650 V and
RDS(on)(max) of 1.9 Ω. It is capable of a maximum output
power of 60 W on 230 VAC supply and 40 W on universal
input supply (85 to 265VAC) based on the thermal rating.
Note that the maximum output power can be up to 120% to
140% of this value. However, it may be limited in applica-
tions with low output voltage or short duty cycle.
Single-Stage Power Factor Corrected
Off-Line Switching Regulator IC
Typical Application
Package: 7-pin TO-220F
Not to scale
LF 3052
LF 3054
LF 3051
Features and Benefits
• Integrated on-time control circuit (it realizes high power
factor by average current control)
• Integrated startup circuit (no external startup circuit
necessary)
• Integrated soft-start circuit (reduces power stress during
start-up on the incorporated power MOSFET and
output rectifier)
• Integrated bias assist circuit (improves startup
performance, suppresses VCC voltage droop during
operation, and allows use of low-rated ceramic capacitor
on VCC pin)
• Integrated Leading Edge Blanking (LEB) circuit
• Integrated maximum on-time limit circuit
• Protection features:
▫ Overcurrent protection (OCP): pulse-by-pulse
▫ Overvoltage protection (OVP): pins VCC, OVP, and
OCP, auto restart
▫ Overload protection (OLP): auto restart
▫ Thermal shutdown (TSD): latched shutdown
T1
C2
D1
D3
D2
D4
F1
L1
C1
D5
L2
D6
D9
D8
+
-
PC1
U2
DZ1
Q1
DZ2
LED
PC2
C4
PC2
D7
R1
R8
R9
R10
R11
R12
R13
R14
R15
R16
R17
R18
R19
7
OVP
R4
R5
R6
VA C
PC1
R7
C7
C8
C10
C11
C12
C13
C14
C15
C16
C9
C17
Vcc
6
OCP FB
C6
5
4
VCC
3
NC
S/GND
2
R20
1
D/ST
U1
C5
C3
R
OCP
R3
LC5523F
Control
Part
DZ3
R21
C18
November 26, 2012
Applications
• LED lighting fixtures
• LED light bulbs
LC5523F-DS


유사한 부품 번호 - LC5523F

제조업체부품명데이터시트상세설명
logo
Sanken electric
LC5523F SANKEN-LC5523F Datasheet
637Kb / 40P
   LC5500 Series Single-Stage Power Factor Corrected Off-Line Switching Regulators
LC5523F SANKEN-LC5523F Datasheet
255Kb / 11P
   Single-Stage Power Factor Corrected Off-Line Switching Regulator IC
More results

유사한 설명 - LC5523F

제조업체부품명데이터시트상세설명
logo
Sanken electric
LC5511D SANKEN-LC5511D Datasheet
379Kb / 9P
   Hybrid IC
LC5521D SANKEN-LC5521D Datasheet
379Kb / 9P
   Hybrid IC
LC5525F SANKEN-LC5525F Datasheet
392Kb / 11P
   Hybrid IC
LC5523D SANKEN-LC5523D Datasheet
379Kb / 9P
   Hybrid IC
LC5513D SANKEN-LC5513D Datasheet
374Kb / 9P
   Hybrid IC
logo
KOA Speer Electronics, ...
KA7777D KOA-KA7777D Datasheet
61Kb / 1P
   hybrid IC
logo
List of Unclassifed Man...
STK0029 ETC-STK0029 Datasheet
18Kb / 1P
   HYBRID LINEAR IC
logo
NEC
MC5152 NEC-MC5152 Datasheet
298Kb / 2P
   HYBRID IC AMPLIFIER
logo
Sanyo Semicon Device
STK760-221A-E SANYO-STK760-221A-E Datasheet
163Kb / 9P
   Thick-Film Hybrid IC Single-phase Rectification PFC Hybrid IC
logo
List of Unclassifed Man...
STK080 ETC-STK080 Datasheet
145Kb / 1P
   THICK FILM HYBRID IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com