전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADM3054 데이터시트(PDF) 10 Page - Analog Devices

부품명 ADM3054
상세설명  5 kV rms Signal Isolated High Speed CAN Transceiver with Bus Protection
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADM3054 데이터시트(HTML) 10 Page - Analog Devices

Back Button ADM3054 Datasheet HTML 6Page - Analog Devices ADM3054 Datasheet HTML 7Page - Analog Devices ADM3054 Datasheet HTML 8Page - Analog Devices ADM3054 Datasheet HTML 9Page - Analog Devices ADM3054 Datasheet HTML 10Page - Analog Devices ADM3054 Datasheet HTML 11Page - Analog Devices ADM3054 Datasheet HTML 12Page - Analog Devices ADM3054 Datasheet HTML 13Page - Analog Devices ADM3054 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADM3054
Data Sheet
Rev. 0 | Page 10 of 20
Figure 9. Propagation Delay from TxD Off to Bus Inactive vs.
Supply Voltage, VDD2
Figure 10. Propagation Delay from TxD On to Bus Active vs. Temperature
Figure 11. Propagation Delay from TxD On to Bus Active vs.
Supply Voltage, VDD2
Figure 12. Supply Current (IDD2) vs. Data Rate
Figure 13. Supply Current (IDD1) vs. Data Rate
Figure 14. Driver Differential Output Voltage Dominant vs. Temperature
71
72
73
74
75
76
77
78
4.75
4.80
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20
5.25
SUPPLY VOLTAGE, VDD2 (V)
VDD1 = 3.3V, TA = 25°C
VDD1 = 5V, TA = 25°C
40
42
44
46
48
50
52
54
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
VDD1 = 3.3V, VDD2 = 5V
VDD1 = 5V, VDD2 = 5V
42
43
44
45
46
47
48
49
50
4.75
4.80
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20
5.25
VDD1 = 3.3V, TA = 25°C
VDD1 = 5V, TA = 25°C
SUPPLY VOLTAGE, VDD2 (V)
34
35
36
37
38
39
40
41
42
100
1000
DATA RATE (kbps)
VDD1 = 3.3V, VDD2 = 5V
VDD1 = 5V, VDD2 = 5V
0
0.2
0.4
0.6
0.8
1.0
1.2
100
1000
DATA RATE (kbps)
VDD1 = 3.3V, VDD2 = 5V
VDD1 = 5V, VDD2 = 5V
2.10
2.15
2.20
2.25
2.30
2.35
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
VDD1 = 5V, VDD2 = 5V, RL = 45Ω
VDD1 = 5V, VDD2 = 5V, RL = 60Ω


유사한 부품 번호 - ADM3054

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM3054 AD-ADM3054 Datasheet
738Kb / 4P
   Digital Isolator Product Selection and Resource Guide
ADM3054 AD-ADM3054 Datasheet
446Kb / 20P
   5 kV rms Signal Isolated High Speed CAN Transceiver with Bus Protection
Rev. D
ADM3054BRWZ AD-ADM3054BRWZ Datasheet
446Kb / 20P
   5 kV rms Signal Isolated High Speed CAN Transceiver with Bus Protection
Rev. D
ADM3054BRWZ-RL7 AD-ADM3054BRWZ-RL7 Datasheet
446Kb / 20P
   5 kV rms Signal Isolated High Speed CAN Transceiver with Bus Protection
Rev. D
ADM3054WBRWZ-RL7 AD-ADM3054WBRWZ-RL7 Datasheet
446Kb / 20P
   5 kV rms Signal Isolated High Speed CAN Transceiver with Bus Protection
Rev. D
More results

유사한 설명 - ADM3054

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM3054 AD-ADM3054_V01 Datasheet
446Kb / 20P
   5 kV rms Signal Isolated High Speed CAN Transceiver with Bus Protection
Rev. D
ADM2682E AD-ADM2682E Datasheet
1Mb / 20P
   5 kV rms Signal & Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. PrE
ADM3050E AD-ADM3050E_V01 Datasheet
417Kb / 19P
   5.7 kV rms, Signal Isolated, Basic CAN FD Transceiver
Rev. B
ADM2682E AD-ADM2682E_V01 Datasheet
502Kb / 24P
   5 kV rms Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. C
ADM3055E AD-ADM3055E_V01 Datasheet
505Kb / 24P
   5 kV rms/3 kV rms, Signal and Power Isolated, CAN Transceivers for CAN FD
Rev. B
ADM2682E_1107 AD-ADM2682E_1107 Datasheet
484Kb / 24P
   5 kV rms Signal and Power Isolated
REV. 0
ADM3058E AD-ADM3058E Datasheet
272Kb / 18P
   5.7 kV rms, Signal Isolated, High Working Voltage, CAN FD Transceiver with 짹15kV IEC ESD
Rev. A
ADM2867E AD-ADM2867E Datasheet
472Kb / 29P
   5.7 kV RMS Signal and Power Isolated RS-485 Transceiver
ADM2561E AD-ADM2561E Datasheet
562Kb / 28P
   3 kV RMS Signal and Power Isolated RS-485 Transceiver with 짹15 kV IEC ESD
ADM2461E AD-ADM2461E Datasheet
380Kb / 21P
   500 kbps, 5.7 kV RMS, Signal Isolated RS-485 Transceiver with 짹15 kV IEC ESD
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com