전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD-700-SYNCE-25M0000000 데이터시트(PDF) 10 Page - Vectron International, Inc

부품명 CD-700-SYNCE-25M0000000
상세설명  Complete VCXO Based Phase Lock Loop
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VECTRON [Vectron International, Inc]
홈페이지  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

CD-700-SYNCE-25M0000000 데이터시트(HTML) 10 Page - Vectron International, Inc

Back Button CD-700-SYNCE-25M0000000 Datasheet HTML 3Page - Vectron International, Inc CD-700-SYNCE-25M0000000 Datasheet HTML 4Page - Vectron International, Inc CD-700-SYNCE-25M0000000 Datasheet HTML 5Page - Vectron International, Inc CD-700-SYNCE-25M0000000 Datasheet HTML 6Page - Vectron International, Inc CD-700-SYNCE-25M0000000 Datasheet HTML 7Page - Vectron International, Inc CD-700-SYNCE-25M0000000 Datasheet HTML 8Page - Vectron International, Inc CD-700-SYNCE-25M0000000 Datasheet HTML 9Page - Vectron International, Inc CD-700-SYNCE-25M0000000 Datasheet HTML 10Page - Vectron International, Inc CD-700-SYNCE-25M0000000 Datasheet HTML 11Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page 10 of 11
Table 7. Pin Functions
Pin
Symbol
Function
1
OPOUT
Op-Amp Output
2
OPN
Op-Amp Negative Input
3
PHO
Phase detector Output
4
LOSIN
INPUT (Used with LOS)
Logic 0, VCXO control voltage is enabled.
Logic 1, VCXO control voltage (pin 16) is disabled and OUT1 and OUT2 are within +/-75 ppm of center
frequency
Has Internal pull-down resistor
5
DATAIN
Phase detector Input signal (TTL switching thresholds)
6
CLKIN
Phase detector Clock signal (TTL switching thresholds)
7
GND
Cover and Electrical Ground
8
LOS
OUTPUT (Used with LOSIN)
Logic 1 if there are no transitions detected at DATAIN after 256 clock cycles at CLKIN. As soon as a transi-
tion occurs at DATAIN, LOS is set to a logic low.
Logic 0 = Input frequency detected
9
RCLK
Recovered Clock
10
RDATA
Recovered Data
11
OUT2
Divided-down VCXO Output, or Disabled
12
HIZ
INPUT
Logic 0, OUT1, OUT2, RCLK, RDATA are set to a high impedance state.
Logic 1, OUT1, OUT2, RCLK, RDATA are active.
Has Internal pull-up resistor
13
OUT1
VCXO Output
14
V
DD
Power Supply Voltage (3.3 V ±10% or 5.0 V ±10%)
15
OPP
Op-Amp Positive Input
16
V
C
VCXO Control Voltage
Figure 12. Outline Diagram
Rev: 15Dec2009


유사한 부품 번호 - CD-700-SYNCE-25M0000000

제조업체부품명데이터시트상세설명
logo
Vectron International, ...
CD-700-KAC-GAB-77.760 VECTRON-CD-700-KAC-GAB-77.760 Datasheet
123Kb / 14P
   Complete VCXO Based Phase Lock Loop
logo
List of Unclassifed Man...
CD-700-KAC-GAB-XX.XXX ETC1-CD-700-KAC-GAB-XX.XXX Datasheet
147Kb / 14P
   Complete VCXO Based Phase Lock Loop
logo
Vectron International, ...
CD-700-KAC-GAC-77.760 VECTRON-CD-700-KAC-GAC-77.760 Datasheet
123Kb / 14P
   Complete VCXO Based Phase Lock Loop
CD-700-KAC-GAD-77.760 VECTRON-CD-700-KAC-GAD-77.760 Datasheet
123Kb / 14P
   Complete VCXO Based Phase Lock Loop
CD-700-KAC-GBB-77.760 VECTRON-CD-700-KAC-GBB-77.760 Datasheet
123Kb / 14P
   Complete VCXO Based Phase Lock Loop
More results

유사한 설명 - CD-700-SYNCE-25M0000000

제조업체부품명데이터시트상세설명
logo
Vectron International, ...
CD-700 VECTRON-CD-700_09 Datasheet
553Kb / 12P
   Complete VCXO Based Phase Lock Loop
CD-700 VECTRON-CD-700 Datasheet
123Kb / 14P
   Complete VCXO Based Phase Lock Loop
logo
List of Unclassifed Man...
CD-700 ETC1-CD-700 Datasheet
147Kb / 14P
   Complete VCXO Based Phase Lock Loop
logo
Vectron International, ...
TRU050 VECTRON-TRU050 Datasheet
177Kb / 14P
   Complete VCXO based Phase-Locked Loop
TRU050 VECTRON-TRU050_09 Datasheet
184Kb / 15P
   Complete VCXO based Phase-Locked Loop
FX-702-SYNCE-156M250000 VECTRON-FX-702-SYNCE-156M250000 Datasheet
326Kb / 7P
   Complete VCSO Based Phase Lock Loop
logo
List of Unclassifed Man...
NE565 ETC1-NE565 Datasheet
348Kb / 6P
   Phase-Lock Loop
logo
National Semiconductor ...
74VHC4046 NSC-74VHC4046 Datasheet
283Kb / 14P
   CMOS Phase Lock Loop
logo
Fairchild Semiconductor
MM74HC4046 FAIRCHILD-MM74HC4046 Datasheet
250Kb / 17P
   CMOS Phase Lock Loop
74VHC4046 FAIRCHILD-74VHC4046 Datasheet
221Kb / 16P
   CMOS Phase Lock Loop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com