전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD-1000_1109 데이터시트(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

부품명 SD-1000_1109
상세설명  1000W Single Output DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MEANWELL [Mean Well Enterprises Co., Ltd.]
홈페이지  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SD-1000_1109 데이터시트(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  SD-1000_1109 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SD-1000_1109 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SD-1000_1109 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. SD-1000_1109 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MechanicalSpecification
DeratingCurve
StaticCharacteristics
CaseNo.952BUnit:mm
INPUTVOLTAGE(VDC)
19
24
36
48
72
96
144
90
forSD-1000H
forSD-1000L
100
80
70
60
50
40
BlockDiagram
AMBIENTTEMPERATURE(
)
20
40
60
80
100
-20
0
10
20
30
40
50
60
70
BOOST fosc:70KHz
PWMfosc:90KHz
FAN
O.V.P.
-V
+V
RECTIFIERS
&
FILTER
-S
+S
CIRCUIT
DETECTION
POWER
AUX
REMOTE
CONTROL
ON/OFF
OUTPUT
LIMITING
ACTIVE
CURRENT
INRUSH
CONTROL
ING
I/P
SWITCH-
POWER
FILTER
EMI
PWM
BOOST
BOOST
CONTROL
O.T.P.
O.L.P.
+V
-V
3-M4L=6
102
91
Airflow
direction
41
CN51
SVR51
3-M4L=4
6
277.7
21
34.5
295
3-M4L=6
277.7
6
Control
(CN51):HRSDF11-10DP-2DSorequivalent
pinnumberassignment
PinNo.
PinNo.
PinNo.
1
5
9
2
3
4
6
10
7
8
Assignment
Assignment
Assignment
+S
-S
OUTPUT OK
GND
AUXG
NC
RC1
RC2
AUX
RCG
MatingHousing
orequivalent
HRSDF11-10DS
Terminal
JST SPHD-002T-P0.5
orequivalent
TB1
3
2
1
DCInput Terminal
PinNo. Assignment
PinNo.
1
3
2
Assignment
FG
DCINPUT V-
DCINPUT V+
1000WSingleOutputDC-DCConverter
S D - 1 0 0 0 series
FileName:SD-1000-SPEC2011-08-23
(HORIZONTAL)


유사한 부품 번호 - SD-1000_1109

제조업체부품명데이터시트상세설명
logo
Mean Well Enterprises C...
SD-1000 MEANWELL-SD-1000_10 Datasheet
231Kb / 4P
   1000W Single Output DC-DC Converter
logo
Copal Electronics
SD-1000 COPAL-SD-1000_16 Datasheet
489Kb / 2P
   ROTARY CODED SWITCHES
More results

유사한 설명 - SD-1000_1109

제조업체부품명데이터시트상세설명
logo
Mean Well Enterprises C...
SD-1000 MEANWELL-SD-1000 Datasheet
1Mb / 4P
   1000W Single Output DC-DC Converter
SD-1000 MEANWELL-SD-1000_10 Datasheet
231Kb / 4P
   1000W Single Output DC-DC Converter
logo
Wall Industries,Inc.
CMKR WALL-CMKR Datasheet
146Kb / 3P
   Single Output DC/DC Converter
logo
MORNSUN Science& Techno...
IB0505S-2W MORNSUN-IB0505S-2W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
F0305AS-1W MORNSUN-F0305AS-1W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB1203D-40W MORNSUN-VRB1203D-40W Datasheet
115Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
IB0505LD-W75 MORNSUN-IB0505LD-W75 Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB2403LD-30W MORNSUN-VRB2403LD-30W Datasheet
162Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
F0303M-1W MORNSUN-F0303M-1W Datasheet
202Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
B0303S-D-W2 MORNSUN-B0303S-D-W2 Datasheet
159Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com