전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD-200_1109 데이터시트(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

부품명 SD-200_1109
상세설명  200W Single Output DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MEANWELL [Mean Well Enterprises Co., Ltd.]
홈페이지  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SD-200_1109 데이터시트(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  SD-200_1109 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SD-200_1109 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SD-200_1109 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPECIFICATION
SD-200B
SD-200C
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
VOLTAGERANGE
EFFICIENCY (Typ.)
INPUT
INRUSHCURRENT (Typ.)
OVERTEMPERATURE
SAFETY STANDARDS
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
DCCURRENT (Typ.)
5V
5V
12V
12V
24V
24V
48V
48V
34A
40A
16.7A
16.7A
8.4A
8.4A
4.2A
4.2A
0~34A
0~40A
0~16.7A
0~16.7A
0~8.4A
0~8.4A
0~4.2A
0~4.2A
170W
200W
200.4W
200.4W
201.6W
201.6W
201.6W
201.6W
100mVp-p
100mVp-p
120mVp-p
120mVp-p
150mVp-p
150mVp-p
200mVp-p
200mVp-p
2.0%
2.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
4.5~5.5VDC
4.5~5.5VDC
11~16VDC
11~16VDC
23~30VDC
23~30VDC
43~53VDC
43~53VDC
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
300ms,50msatfullload
B:19~36VDCC:36~72VDCD:72~144VDC
79%
81%
10.8A/24V
5.4A/48V
82%
84%
85%
86%
86%
86%
10.6A/24V
5.2A/48V
10.4A/24V
6.7A/48V
10.4A/24V
5A/48V
C:45A/48VDCD:45A/96VDC
105~135% ratedoutputpower
5.75~6.75V
5.75~6.75V
16.8~20V
16.8~20V
31.5~37.5V
31.5~37.5V
53~65V
53~65V
Protectiontype: Shutdowno/pvoltage,re-powerontorecover
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
Protectiontype:Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown
CompliancetoEN55022(CISPR22)ClassB
Complianceto
ight
EN61000-4-2,3,4,6,8,l
industrylevel,criteria A
-20~+60
(Referto"DeratingCurve")
20~90%RHnon-condensing
-40~+85
,10~95%RH
0.03%/
(0~50
10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes
218.2Khrsmin.MIL-HDBK-217F(25
)
215*115*50mm(L*W*H)
1.1Kg;12pcs/14.4Kg/0.92CUFT
FileName:SD-200-SPEC2011-08-23
1. All parameters NOT specially mentioned are measured at 24,48,96VDC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives. For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
200WSingleOutputDC-DCConverter
2:1 wide input range
Protections: Short circuit / Overload / Over voltage / Over temperature
1500VAC I/O isolation
Cooling by free air convection
100% full load burn-in test
24V and 48V input voltage design refer to LVD
2 years warranty
Features :
S D - 2 0 0 series
SAFETY &
EMC
(Note4)
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:1.5KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC /25
/70%RH
ENVIRONMENT
PROTECTION
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
95
5
(100
5
forSD-200B-12only) TSW1detectonmainpowertransistor
UL60950-1approved(forSD-200C-24typeonly),IEC60950-1CBapprovedby TUV(forDtypeonly)
(for D type only)
(for SD-200C-24 type only)
EMCIMMUNITY
EMCEMISSION


유사한 부품 번호 - SD-200_1109

제조업체부품명데이터시트상세설명
logo
Mean Well Enterprises C...
SD-200 MEANWELL-SD-200_10 Datasheet
467Kb / 3P
   200W Single Output DC-DC Converter
More results

유사한 설명 - SD-200_1109

제조업체부품명데이터시트상세설명
logo
Mean Well Enterprises C...
SD-200 MEANWELL-SD-200_10 Datasheet
467Kb / 3P
   200W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD-200 ASTRODYNE-SD-200 Datasheet
320Kb / 3P
   200W Single Output DC-DC Converter
SD200 ASTRODYNE-SD200 Datasheet
778Kb / 3P
   200W Single Output DC-DC Converter
logo
Mean Well Enterprises C...
SD-200 MEANWELL-SD-200 Datasheet
522Kb / 3P
   200W Single Output DC-DC Converter
RSD-200 MEANWELL-RSD-200 Datasheet
288Kb / 7P
   200W Railway Single Output DC-DC Converter
RSD-200 MEANWELL-RSD-200_12 Datasheet
305Kb / 2P
   200W Railway Single Output DC-DC Converter
SKMW20 MEANWELL-SKMW20 Datasheet
106Kb / 4P
   200W DC-DC Regulated Converter
logo
PULS GmbH
QS10.241-60 PULS-QS10.241-60 Datasheet
765Kb / 27P
   24V, 200W, DC/DC CONVERTER
CP10.241-60 PULS-CP10.241-60 Datasheet
787Kb / 27P
   24V, 200W, DC/DC CONVERTER
logo
DENSEI-LAMBDA
PAH50S48 LAMBDA-PAH50S48 Datasheet
111Kb / 2P
   Single output 50W ~ 200W DC-DC power module?
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com