전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BUZ110SL 데이터시트(PDF) 2 Page - Siemens Semiconductor Group

부품명 BUZ110SL
상세설명  SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated dv/dt rated)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BUZ110SL 데이터시트(HTML) 2 Page - Siemens Semiconductor Group

  BUZ110SL Datasheet HTML 1Page - Siemens Semiconductor Group BUZ110SL Datasheet HTML 2Page - Siemens Semiconductor Group BUZ110SL Datasheet HTML 3Page - Siemens Semiconductor Group BUZ110SL Datasheet HTML 4Page - Siemens Semiconductor Group BUZ110SL Datasheet HTML 5Page - Siemens Semiconductor Group BUZ110SL Datasheet HTML 6Page - Siemens Semiconductor Group BUZ110SL Datasheet HTML 7Page - Siemens Semiconductor Group BUZ110SL Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Semiconductor Group
2
28/Jan/1998
BUZ 110 SL
SPP80N05L
Maximum Ratings
Parameter
Symbol
Values
Unit
Operating temperature
Tj
-55 ... + 175
°C
Storage temperature
Tstg
-55 ... + 175
Thermal resistance, junction - case
RthJC
0.75
K/W
Thermal resistance, junction - ambient
RthJA
62
IEC climatic category, DIN IEC 68-1
55 / 175 / 56
Electrical Characteristics,
at Tj = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Static Characteristics
Drain- source breakdown voltage
VGS = 0 V, ID = 0.25 mA, Tj = 25 °C
V(BR)DSS
55
-
-
V
Gate threshold voltage
VGS=VDS, ID = 200 µA
VGS(th)
1.2
1.67
2
Zero gate voltage drain current
VDS = 50 V, VGS = 0 V, Tj = -40 °C
VDS = 50 V, VGS = 0 V, Tj = 25 °C
VDS = 50 V, VGS = 0 V, Tj = 150 °C
IDSS
-
-
-
-
0.1
-
100
1
0.1
µA
Gate-source leakage current
VGS = 20 V, VDS = 0 V
IGSS
-
10
100
nA
Drain-Source on-resistance
VGS = 4.5 V, ID = 59 A
VGS = 10 V, ID = 59 A
RDS(on)
-
-
0.0075
0.012
0.01
0.015


유사한 부품 번호 - BUZ110SL

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BUZ110S SIEMENS-BUZ110S Datasheet
122Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated)
logo
Infineon Technologies A...
BUZ110S INFINEON-BUZ110S Datasheet
139Kb / 8P
   SIPMOS짰 Power Transistor
05.99
BUZ110SE3045 INFINEON-BUZ110SE3045 Datasheet
139Kb / 8P
   SIPMOS짰 Power Transistor
05.99
BUZ110SE3045A INFINEON-BUZ110SE3045A Datasheet
139Kb / 8P
   SIPMOS짰 Power Transistor
05.99
More results

유사한 설명 - BUZ110SL

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BUZ111SL SIEMENS-BUZ111SL Datasheet
120Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated dv/dt rated)
BUZ102SL SIEMENS-BUZ102SL Datasheet
120Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated dv/dt rated)
BUZ103SL SIEMENS-BUZ103SL Datasheet
119Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated dv/dt rated)
BSP171P SIEMENS-BSP171P Datasheet
60Kb / 5P
   SIPMOS Power Transistor (P-Channel Enhancement mode Avalanche rated Logic Level dv/dt rated)
BUZ100S SIEMENS-BUZ100S Datasheet
126Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated)
BUZ102S SIEMENS-BUZ102S Datasheet
123Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated)
BUZ111S SIEMENS-BUZ111S Datasheet
121Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated)
BUZ110S SIEMENS-BUZ110S Datasheet
122Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated)
BUZ104SL SIEMENS-BUZ104SL Datasheet
126Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated dv/dt rated 175째C operating temperature)
BSP170P SIEMENS-BSP170P Datasheet
152Kb / 9P
   SIPMOS Power Transistor (P-Channel Enhancement mode Avalanche rated dv/dt rated)
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com