전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BUZ12AL 데이터시트(PDF) 3 Page - Siemens Semiconductor Group

부품명 BUZ12AL
상세설명  SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BUZ12AL 데이터시트(HTML) 3 Page - Siemens Semiconductor Group

  BUZ12AL Datasheet HTML 1Page - Siemens Semiconductor Group BUZ12AL Datasheet HTML 2Page - Siemens Semiconductor Group BUZ12AL Datasheet HTML 3Page - Siemens Semiconductor Group BUZ12AL Datasheet HTML 4Page - Siemens Semiconductor Group BUZ12AL Datasheet HTML 5Page - Siemens Semiconductor Group BUZ12AL Datasheet HTML 6Page - Siemens Semiconductor Group BUZ12AL Datasheet HTML 7Page - Siemens Semiconductor Group BUZ12AL Datasheet HTML 8Page - Siemens Semiconductor Group BUZ12AL Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Semiconductor Group
3
07/96
BUZ 12 AL
Not for new design
Electrical Characteristics, at
Tj = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Dynamic Characteristics
Transconductance
VDS≥ 2 * ID * RDS(on)max, ID = 21 A
gfs
16
30
-
S
Input capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Ciss
-
2100
2800
pF
Output capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Coss
-
800
1200
Reverse transfer capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Crss
-
280
450
Turn-on delay time
VDD = 30 V, VGS = 5 V, ID = 3 A
RGS = 50 Ω
td(on)
-
45
60
ns
Rise time
VDD = 30 V, VGS = 5 V, ID = 3 A
RGS = 50 Ω
tr
-
160
240
Turn-off delay time
VDD = 30 V, VGS = 5 V, ID = 3 A
RGS = 50 Ω
td(off)
-
270
350
Fall time
VDD = 30 V, VGS = 5 V, ID = 3 A
RGS = 50 Ω
tf
-
160
200


유사한 부품 번호 - BUZ12AL

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
BUZ12AL ISC-BUZ12AL Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - BUZ12AL

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BUZ31L SIEMENS-BUZ31L Datasheet
194Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ101SL SIEMENS-BUZ101SL Datasheet
132Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated)
BUZ21L SIEMENS-BUZ21L Datasheet
86Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ72L SIEMENS-BUZ72L Datasheet
189Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ70L SIEMENS-BUZ70L Datasheet
194Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ73L SIEMENS-BUZ73L Datasheet
181Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ100SL SIEMENS-BUZ100SL Datasheet
123Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated)
BUZ71AL SIEMENS-BUZ71AL Datasheet
128Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ71L SIEMENS-BUZ71L Datasheet
129Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ72AL SIEMENS-BUZ72AL Datasheet
187Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ73AL SIEMENS-BUZ73AL Datasheet
176Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com