전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FW217A 데이터시트(PDF) 2 Page - Sanyo Semicon Device

부품명 FW217A
상세설명  N-Channel Silicon MOSFET General-Purpose Switching Device Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FW217A 데이터시트(HTML) 2 Page - Sanyo Semicon Device

  FW217A Datasheet HTML 1Page - Sanyo Semicon Device FW217A Datasheet HTML 2Page - Sanyo Semicon Device FW217A Datasheet HTML 3Page - Sanyo Semicon Device FW217A Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FW217A
No.8994-2/4
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=1mA, VGS=0V
35
V
Zero-Gate Voltage Drain Current
IDSS
VDS=35V, VGS=0V
1
μA
Gate-to-Source Leakage Current
IGSS
VGS=±16V, VDS=0V
±10
μA
Cutoff Voltage
VGS(off)
VDS=10V, ID=1mA
1.7
2.6
V
Forward Transfer Admittance
| yfs |
VDS=10V, ID=6A
3
S
Static Drain-to-Source On-State Resistance
RDS(on)1
ID=6A, VGS=10V
30
39
RDS(on)2
ID=3A, VGS=4.5V
50
70
Input Capacitance
Ciss
VDS=20V, f=1MHz
470
pF
Output Capacitance
Coss
70
pF
Reverse Transfer Capacitance
Crss
35
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
8ns
Rise Time
tr
34
ns
Turn-OFF Delay Time
td(off)
31
ns
Fall Time
tf
30
ns
Total Gate Charge
Qg
VDS=20V, VGS=10V, ID=6A
10
nC
Gate-to-Source Charge
Qgs
2nC
Gate-to-Drain “Miller” Charge
Qgd
2nC
Diode Forward Voltage
VSD
IS=6A, VGS=0V
0.84
1.2
V
Switching Time Test Circuit
PW=10μs
D.C.≤1%
P.G
50Ω
G
S
D
ID=6A
RL=3Ω
VDD=20V
VOUT
VIN
10V
0V
VIN
FW217A
IT16778
IT16779
05
0
0
6
2
1
4
3
5
1.0
0.2
0.3
0.4
0.1
0.5
0.6
0.7
0.8
0.9
0
10
4
123
6
1
2
3
8
4
7
9
5
3.5V
VGS=2.5V
VDS=10V
3.0V
ID -- VGS
Gate-to-Source Voltage, VGS -- V
Drain-to-Source Voltage, VDS -- V
ID -- VDS


유사한 부품 번호 - FW217A

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FW217A ONSEMI-FW217A Datasheet
348Kb / 7P
   N-Channel Power MOSFET
FW217A-TL-2W ONSEMI-FW217A-TL-2W Datasheet
348Kb / 7P
   N-Channel Power MOSFET
More results

유사한 설명 - FW217A

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
MCH3421 SANYO-MCH3421 Datasheet
46Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6428 SANYO-MCH6428 Datasheet
53Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4085LS SANYO-2SK4085LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4086LS SANYO-2SK4086LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3460 SANYO-MCH3460 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
BFL4004 SANYO-BFL4004 Datasheet
320Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
BFL4026 SANYO-BFL4026 Datasheet
321Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3459 SANYO-MCH3459 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK2628FG SANYO-2SK2628FG Datasheet
326Kb / 6P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK3830 SANYO-2SK3830_04 Datasheet
42Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
3HN04SS SANYO-3HN04SS Datasheet
55Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com