전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB11988HR 데이터시트(PDF) 5 Page - Sanyo Semicon Device

부품명 LB11988HR
상세설명  Monolithic Digital IC Fan Motor Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11988HR 데이터시트(HTML) 5 Page - Sanyo Semicon Device

  LB11988HR Datasheet HTML 1Page - Sanyo Semicon Device LB11988HR Datasheet HTML 2Page - Sanyo Semicon Device LB11988HR Datasheet HTML 3Page - Sanyo Semicon Device LB11988HR Datasheet HTML 4Page - Sanyo Semicon Device LB11988HR Datasheet HTML 5Page - Sanyo Semicon Device LB11988HR Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LB11988HR
No.A0300-5/6
Equivalent Circuit
Pin name
Equivalent circuit
UIN+
UIN-
VIN+
VIN-
WIN+
WIN-
200
Ω
200
Ω
100
μA
Input +
Input -
UOUT
VOUT
WOUT
RF
VS
200
Ω
30k
Ω
150
μA
VCC
RF
Output
Lower side oversaturation
prevention circuit input block
VS
FR
VCC
FR
200
Ω
1/2 VCC
200
μA
FC
10k
Ω
VCC
FC
FGOUT
VCC
VCC
FGOUT


유사한 부품 번호 - LB11988HR

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB11988HR SANYO-LB11988HR Datasheet
75Kb / 8P
   Fan Motor Driver
logo
ON Semiconductor
LB11988HR ONSEMI-LB11988HR Datasheet
91Kb / 6P
   Fan Motor Driver
May, 2013
More results

유사한 설명 - LB11988HR

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB11988V SANYO-LB11988V_12 Datasheet
122Kb / 6P
   Monolithic Digital IC Fan Motor Driver
LB11988H SANYO-LB11988H_12 Datasheet
123Kb / 6P
   Monolithic Digital IC Fan Motor Driver
LB11692JH SANYO-LB11692JH Datasheet
123Kb / 12P
   Monolithic Digital IC 24V Fan Motor Driver IC
LB11693JH SANYO-LB11693JH Datasheet
123Kb / 12P
   Monolithic Digital IC 24V Fan Motor Driver IC
LB11851M SANYO-LB11851M Datasheet
74Kb / 6P
   Monolithic Digital IC Microprocessor Fan Motor Interface Driver
LB1801CL SANYO-LB1801CL Datasheet
89Kb / 9P
   Monolithic Digital IC Stepping Motor Driver IC
LB1800CL SANYO-LB1800CL Datasheet
80Kb / 8P
   Monolithic Digital IC Stepping Motor Driver IC
LB1909MC SANYO-LB1909MC Datasheet
95Kb / 4P
   Monolithic Digital IC Stepping Motor Driver IC
LB11697V SANYO-LB11697V Datasheet
344Kb / 14P
   Monolithic Digital IC Brushless Motor Driver IC
LB1935T SANYO-LB1935T Datasheet
485Kb / 6P
   Monolithic Digital IC Stepping Motor Driver IC
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com