전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK672-040-E 데이터시트(PDF) 9 Page - Sanyo Semicon Device

부품명 STK672-040-E
상세설명  Thick-Film Hybrid IC Unipolar Constant-current Chopper (external excitation PWM) Circuit with Built-in Microstepping Controller Stepping Motor Driver (sine wave drive) Output Current 1.5A (no heat sink*)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-040-E 데이터시트(HTML) 9 Page - Sanyo Semicon Device

Back Button STK672-040-E Datasheet HTML 5Page - Sanyo Semicon Device STK672-040-E Datasheet HTML 6Page - Sanyo Semicon Device STK672-040-E Datasheet HTML 7Page - Sanyo Semicon Device STK672-040-E Datasheet HTML 8Page - Sanyo Semicon Device STK672-040-E Datasheet HTML 9Page - Sanyo Semicon Device STK672-040-E Datasheet HTML 10Page - Sanyo Semicon Device STK672-040-E Datasheet HTML 11Page - Sanyo Semicon Device STK672-040-E Datasheet HTML 12Page - Sanyo Semicon Device STK672-040-E Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
STK672-040-E
No. 5227-9/19
Input Signal Functions and Timing
• CLK (phase switching clock)
1) Input frequency range: DC to 50kHz
2) Minimum pulse width: 10
μs
3) Duty: 40 to 60% (However, the minimum pulse width takes precedence when M3 is high.)
4) Pin circuit type: Built-in pull-up resistor (20k
Ω, typical) CMOS Schmitt trigger structure
5) Built-in multi-stage noise rejection circuit
6) Function:
- When M3 is high or open: The phase excited (driven) is advanced one step on each CLK rising edge.
- When M3 is low: The phase is advanced one step by both rising and falling edges, for a total of two steps per cycle.
CLK Input Acquisition Timing (M3 = Low)
• CWB (Method for setting the rotation direction)
1) Pin circuit type: Built-in pull-up resistor (20k
Ω, typical) CMOS Schmitt trigger structure
2) Function:
- When CWB is low: The motor turns in the clockwise direction.
- When CWB is high: The motor turns in the counterclockwise direction.
3) Notes: When M3 is low, the CWB input must not be changed for about 6.25
μs before or after a rising or falling
edge on the CLK input.
• RETURN (Forcible return to the origin for the currently excited phase)
1) Pin circuit type: Built-in pull-up resistor (20k
Ω, typical) CMOS Schmitt trigger structure
2) Built-in noise rejection circuit
3) Notes: The currently excited (driven) phase can be forcibly moved to the origin by switching this input from low to
high. Normally, if this input is unused, it must be left open or connected to VCC2.
• ENABLE (Controls the on/off state of the A, A, B, and B excitation drive outputs and selects either operating or hold
as the internal state of this hybrid IC.)
1) Pin circuit type: Built-in pull-up resistor (20k
Ω, typical) CMOS Schmitt trigger structure
2) Function:
- When ENABLE is high or open: Normal operating state
- When ENABLE is low: This hybrid IC goes to the hold state and excitation drive output (motor current) is
forcibly turned off. In this mode, the hybrid IC system clock is stopped and no inputs
other than the reset input have any effect on the hybrid IC state.
Excitation counter up/down
Control output switching timing
CLK input
System clock
Phase excitation counter clock
Control output timing
A06845


유사한 부품 번호 - STK672-040-E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
STK672-040 SANYO-STK672-040 Datasheet
1Mb / 11P
   Microstep Operation-Supported 4-Phase Stepping Motor Driver (Io= 1.5A)
STK672-040 SANYO-STK672-040 Datasheet
218Kb / 11P
   Microstep Operation-Supported 4-Phase Stepping Motor Driver (Io= 3.0A)
More results

유사한 설명 - STK672-040-E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
STK672-060-E SANYO-STK672-060-E Datasheet
200Kb / 19P
   Thick-Film Hybrid IC Unipolar Constant-current Chopper (external excitation PWM) Circuit with Built-in Microstepping Controller Stepping Motor Driver (sine wave drive) Output Current 1.2A (no heat sink*)
STK672-210-E SANYO-STK672-210-E Datasheet
96Kb / 10P
   Thick-Film Hybrid IC Unipolar Constant-Current Chopper Two-Phase Stepping Motor Driver Output Current 1.4A
STK672-220-E SANYO-STK672-220-E Datasheet
97Kb / 10P
   Thick-Film Hybrid IC Unipolar Constant-Current Chopper Two-Phase Stepping Motor Driver Output Current 2.8A
EN5228-D SANYO-EN5228-D Datasheet
205Kb / 19P
   Unipolar Constant-current Chopper (external excitation PWM) Circuit
EN7441-D SANYO-EN7441-D Datasheet
196Kb / 19P
   Unipolar Constant-current Chopper (external excitation PWM) Circuit
STK672-050-E SANYO-STK672-050-E Datasheet
206Kb / 19P
   Stepping Motor Driver (sine wave drive) Output Current 3.0A (no heat sink*)
STK672-340-E SANYO-STK672-340-E Datasheet
116Kb / 13P
   Thick-Film Hybrid IC Unipolar Fixed-Current Chopper (External-Excited PWM) Scheme and Built-in Phase Signal Distribution IC Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current 2.2A
STK672-080 SANYO-STK672-080 Datasheet
221Kb / 17P
   Stepping Motor Driver (Sine Wave Drive) Output Current : 2.8 A (No Heat Sink)
STK672-120-E SANYO-STK672-120-E Datasheet
81Kb / 9P
   Thick-Film Hybrid IC Unipolar Fixed-Current Chopper (Self-Excited PWM) Scheme and Built-in Phase Signal Distribution IC Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current 2.4A
STK672-110-E SANYO-STK672-110-E Datasheet
79Kb / 9P
   Thick-Film Hybrid IC Unipolar Fixed-Current Chopper (Self-Excited PWM) Scheme and Built-in Phase Signal Distribution IC Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current 1.8A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com