전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KIA78Q000PI 데이터시트(PDF) 2 Page - KEC(Korea Electronics)

부품명 KIA78Q000PI
상세설명  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78Q000PI 데이터시트(HTML) 2 Page - KEC(Korea Electronics)

  KIA78Q000PI Datasheet HTML 1Page - KEC(Korea Electronics) KIA78Q000PI Datasheet HTML 2Page - KEC(Korea Electronics) KIA78Q000PI Datasheet HTML 3Page - KEC(Korea Electronics) KIA78Q000PI Datasheet HTML 4Page - KEC(Korea Electronics) KIA78Q000PI Datasheet HTML 5Page - KEC(Korea Electronics) KIA78Q000PI Datasheet HTML 6Page - KEC(Korea Electronics) KIA78Q000PI Datasheet HTML 7Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
VIN
IN
V
10uF
R2
VOUT
GND
10uF
VOUT
VIN
IN
V
10uF
VOUT
ADJ
10uF
VOUT
768
R1
124
2004. 10. 28
2/7
KIA78Q000PI~KIA78Q050PI
Revision No : 0
Fig.1 Application Circuit-1 (Fixed-Type)
Fig.2 Application Circuit-2 (Adjustable-Type)
ELECTRICAL CHARACTERISTICS
KIA78Q000PI (Unless otherwise specified, Tj=0~125
)
CHARACTERISTIC
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Output Voltage
VOUT1
VIN=VOUT+1.5V, IOUT=10mA, Tj=25
1.225
1.25
1.275
V
VOUT2
10mA
IOUT 0.8A, VOUT+1.5V VIN 10V
1.20
1.25
1.30
Line Regulation
Reg Line
VOUT+1.5V VIN 10V, IOUT=10mA
-
1
10
mV
Load Regulation
Reg Load
10mA
IOUT 0.8A, VIN=VOUT+2.0V
-
15
30
mV
Quiescent Current
IB1
VIN=VOUT+1.25V, IOUT=0A
-
4.2
10
mA
IB2
VIN=10V, IOUT=0A
-
4.2
10
Adjustable Pin Current
IADJ
VIN=VOUT+1.5V
-
35
-
A
Minimum Load Current
IMIN
VIN=VOUT+1.5V
10
-
-
mA
Output Noise Voltage
VNO
VIN=VOUT+1.25V, IOUT=40mA,
10Hz
f
10kHz
-
100
-
Vrms
Sort Circuit Current Limit
ISC
VIN=VOUT+2.0V
1.1
-
-
A
Ripple Rejection
R
R
IOUT=40mA, f=120Hz, Vripple=1Vp-p
VIN=VOUT+3V
60
80
-
dB
Dropout Voltage
VD
IOUT=0.8A, VIN=0.95VOUT
-
1.1
1.2
V
Temperature Stability
TCVO
VIN=VOUT+1.5V, IOUT=10mA
-
0.5
-
%
VOUT=VREF (1+R2/R1) + IADJ R2


유사한 부품 번호 - KIA78Q000PI

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KIA78Q000S KEC-KIA78Q000S Datasheet
431Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78Q000S/F KEC-KIA78Q000S/F Datasheet
431Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

유사한 설명 - KIA78Q000PI

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com