전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KIA78Q015PI 데이터시트(PDF) 6 Page - KEC(Korea Electronics)

부품명 KIA78Q015PI
상세설명  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78Q015PI 데이터시트(HTML) 6 Page - KEC(Korea Electronics)

  KIA78Q015PI Datasheet HTML 1Page - KEC(Korea Electronics) KIA78Q015PI Datasheet HTML 2Page - KEC(Korea Electronics) KIA78Q015PI Datasheet HTML 3Page - KEC(Korea Electronics) KIA78Q015PI Datasheet HTML 4Page - KEC(Korea Electronics) KIA78Q015PI Datasheet HTML 5Page - KEC(Korea Electronics) KIA78Q015PI Datasheet HTML 6Page - KEC(Korea Electronics) KIA78Q015PI Datasheet HTML 7Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
2004. 10. 28
6/7
KIA78Q000PI~KIA78Q050PI
Revision No : 0
00.8
1
0.2
0.4
0.6
REF
Fig. 4 V
- Tj
0
125
25
50
100
JUNCTION TEMPERATURE T ( C)
j
1.25
1.0
1.5
1.75
2.0
OUT
OUTPUT CURRENT I
(A)
D
Fig. 3 V - IOUT
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
75
150
1.210
1.215
1.220
1.225
1.230
1.240
1.245
1.250
1.255
1.260
-50
Fig.5 I
- T
OUT(MIN)
0
1
2
3
4
5
j
-25
125
100
75
50
25
0
150
JUNCTION TEMPERATURE T ( C)
j
-75
Fig.6 I
- T
ADJ
j
-50
125
100
75
50
0
-25
150
JUNCTION TEMPERATURE T ( C)
j
0
10
20
30
40
50
60
70
80
90
100
KIA78Q000S/F Only
Fig.7 I
- T
SC
j
25
-50
125
100
75
50
0
-25
150
JUNCTION TEMPERATURE T ( C)
j
100K
10K
1K
10
FREQUENCY f (Hz)
100
V
= V
+3V
0.5<V
< 2V
IN
0
10
20
30
40
50
60
70
80
90
Fig.8 R.R-f
OUT
OUT
RIPPLE
I
= 0.8A
Tj=0 C
Tj=25 C
Tj=125 C


유사한 부품 번호 - KIA78Q015PI

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KIA78Q015S/F KEC-KIA78Q015S/F Datasheet
431Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

유사한 설명 - KIA78Q015PI

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com