전자부품 데이터시트 검색엔진 |
|
KIA431T 데이터시트(PDF) 3 Page - KEC(Korea Electronics) |
|
KIA431T 데이터시트(HTML) 3 Page - KEC(Korea Electronics) |
3 / 8 page 2012. 3. 20 3/8 KIA431 Series Revision No : 16 ELECTRICAL CHARACTERISTICS (Ta=25 ℃) MAXIMUM RATINGS (Ta=25 ℃) (Full operating ambient temperature range applies unless otherwise noted.) CHARACTERISTICS SYMBOL TEST CIRCUIT TEST CONDITION MIN. TYP. MAX. UNIT Reference Input Voltage KIA431 Vref Figure 1 VKA=Vref , IK=10mA 2.440 2.495 2.550 V KIA431A 2.470 2.495 2.520 V KIA431B 2.4825 2.495 2.5075 V Reference Input Voltage Deviation Over Temperature Range ΔVref Figure 1 (Note 1) VKA=Vref , IK=10mA - 7.0 30 mV Ratio of Change in Reference Input Voltage to Change in Cathode to Anode Voltage ΔVref/ ΔVKA Figure 2 IK=10mA ΔVKA= 10V ~Vref - -1.4 -2.7 mV/V ΔVKA= 36V ~10V - -1.0 -2.0 Reference Input Current Ta=25 ℃ Iref Figure 2 IK=10mA, R1=10kΩ, R2=∞ - 1.8 4.0 μA Ta=Topr - - 6.5 Reference Input Current Deviation Over Temperature Range ΔIref Figure 2 IK=10mA, R1=10kΩ, R2=∞ - 0.8 2.5 μA Minimum Cathode Current For Regulation Imin Figure 1 VKA=Vref - 0.5 1.0 mA Off-State Cathode Current Ioff Figure 3 VKA=36V, Vref=0V - 2.6 1000 nA Dynamic Impedance Zka Figure 1 (Note 2) VKA=Vref, IK=1.0~100mA, f ≦1.0kHz - 0.22 - Ω Note1) Package mounted on 99.5% Alumina 10 ×8×0.6mm Note2) Package mounted on a ceramic board. (600 ㎣×0.8㎜ ) CHARACTERISTIC SYMBOL RATING UNIT Cathode To Anode Voltage VKA 37 V Cathode Current Range, Continuous IK -100 ~150 mA Reference Input Current Range, Continuous Iref -0.05 ~10 mA Operating Junction Temperature Tj 150 ℃ Operating Temperature Topr -40 ~85 ℃ Storage Temperature Tstg -65 ~150 ℃ Total Power Dissipation KIA431 PD 700 mW KIA431F 800 KIA431M (Note1) 350 KIA431S (Note2) 900 KIA431T 550 |
유사한 부품 번호 - KIA431T |
|
유사한 설명 - KIA431T |