전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KIA431M2 데이터시트(PDF) 4 Page - KEC(Korea Electronics)

부품명 KIA431M2
상세설명  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA431M2 데이터시트(HTML) 4 Page - KEC(Korea Electronics)

  KIA431M2 Datasheet HTML 1Page - KEC(Korea Electronics) KIA431M2 Datasheet HTML 2Page - KEC(Korea Electronics) KIA431M2 Datasheet HTML 3Page - KEC(Korea Electronics) KIA431M2 Datasheet HTML 4Page - KEC(Korea Electronics) KIA431M2 Datasheet HTML 5Page - KEC(Korea Electronics) KIA431M2 Datasheet HTML 6Page - KEC(Korea Electronics) KIA431M2 Datasheet HTML 7Page - KEC(Korea Electronics) KIA431M2 Datasheet HTML 8Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2012. 3. 20
4/8
KIA431 Series
Revision No : 16
Input
FIGURE 1-TEST CIRCUIT FOR VKA = Vref
off
I
KA
V
Input
FIGURE 3-TEST CIRCUIT FOR I off
FIGURE 2-TEST CIRCUIT FOR VKA > Vref
IK
IK
VKA
VKA
Input
R1
R2
Iref
VKA = Vref ( 1+
) + Iref R1
R1
R2
Max.
Min.
T1
T2
AMBIENT TEMPERATURE
-
Vref (Min.)
Ta = T2 - T1
Vref
Vref
Vref
Vref = Vref (Max.)
Vref
Example :
ΔVref = 8.0mV and slope is positive,
Vref at 25℃=2.495V, ΔTa=70℃
0.008
×106
αVref =
= 45.8 ppm/
70
×(2.495)
Note 2: The dynamic impedance Zka is defined as:
ΔVKA
|Zka| =
ΔIk
When the device is programmed with two external
resistors, R1 and R2, (refer to Figure 2) the total
dynamic impedance of the circuit is defined as:
R1
|Zka'| = |Zka| (1+
)
R2
Note 1:
The deviation parameter
ΔVref is defined as the differences
between the maximum and minimum values obtained over the
full operating ambient temperature range that applies.
The average temperature coefficient of the Reference
input voltage,
ΔVref , is defined as:
ΔVref
(
)
× 106
ppm
Vref at 25℃
αVref (
) =
℃ΔTa
ΔVref × 106
=
ΔTa(Vref at 25℃)
αVref can be positive or negative depending on whether
Vref Min. or Vref Max. occurs at the lower ambient temperature.


유사한 부품 번호 - KIA431M2

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KIA431M KEC-KIA431M Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

유사한 설명 - KIA431M2

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com