전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KIC7S66FU 데이터시트(PDF) 1 Page - KEC(Korea Electronics)

부품명 KIC7S66FU
상세설명  SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC7S66FU 데이터시트(HTML) 1 Page - KEC(Korea Electronics)

  KIC7S66FU_08 Datasheet HTML 1Page - KEC(Korea Electronics) KIC7S66FU_08 Datasheet HTML 2Page - KEC(Korea Electronics) KIC7S66FU_08 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2008 .9. 17
1/3
SEMICONDUCTOR
TECHNICAL DATA
KIC7S66FU
SILICON MONOLITHIC CMOS
DIGITAL INTEGRATED CIRCUIT
Revision No : 3
BILATERAL SWITCH
The KIC7S66FU is a high speed C
2MOS BILATERAL SWITCH
fabricated with silicon gate C
2MOS technology.
It consists of a high speed switch capable of controlling either digital
or analog signals while maintaining the C
2MOS low power dissipation.
Control input (C) is provided to control the switch.
The switch turns ON while the Cl input is high, and the switch turns
OFF while low.
Input is equipped with protection circuits against static discharge or
transient excess voltage.
FEATURES
・High Speed : t
pd=7ns(Typ.) at VCC=5V.
・Low Power Dissipation : I
CC=1μ
A(Max.) at Ta=25℃.
・High Noise Immunity : V
NIH=VNIL=28% VCC(Min.).
・Low ON Resistance : R
ON=100Ω(Typ.) at VCC=9V.
・Low T.H.D : THD=0.05%(Typ.) at V
CC=5V.
DIM MILLIMETERS
A
B
D
G
USV
2.00 0.20
1.25 0.1
2.1 0.1
0.2+0.10/-0.05
0-0.1
0.9 0.1
0.65
0.15+0.1/-0.05
B1
H
C
T
G
1
3
2
B
B1
D
T
5
4
1.3 0.1
A1
+_
+_
+_
+_
+_
MAXIMUM RATINGS (Ta=25℃)
MARKING
Type Name
Lot No.
SW
PIN CONNECTION (TOP VIEW)
GND
OUT/IN
IN/OUT
3
2
1
CONT.
4
5
VCC
CHARACTERISTIC
SYMBOL
RATING
UNIT
DC Supply Voltage
VCC
-0.5~10
V
Control Input Voltage
VIN
-0.5~VCC+0.5
V
Swith I/O Voltage
VI/O
-0.5~VCC+0.5
V
Control Diode Current
ICK
±20
mA
Output Diode Current
IOK
±20
mA
Through I/O Current
IT
±12.5
mA
DC VCC/Ground Current
ICC
±25
mA
Power Dissipation
PD
200
mW
Storage Temperature
Tstg
-65~150
Lead Temperature (10s)
TL
260


유사한 부품 번호 - KIC7S66FU_08

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KIC7S66FU KEC-KIC7S66FU_15 Datasheet
39Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
More results

유사한 설명 - KIC7S66FU_08

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC279AP TOSHIBA-TC74HC279AP Datasheet
242Kb / 5P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC173AP TOSHIBA-TC74HC173AP Datasheet
283Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7PA19AFE TOSHIBA-TC7PA19AFE Datasheet
204Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC257P TOSHIBA-TC74AC257P_07 Datasheet
356Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC08FN TOSHIBA-TC74AC08FN_07 Datasheet
263Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC4050AP TOSHIBA-TC74HC4050AP_07 Datasheet
255Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC7S04FUTE85L TOSHIBA-TC7S04FUTE85L Datasheet
183Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic
logo
KEC(Korea Electronics)
KIC7S04FU KEC-KIC7S04FU_15 Datasheet
42Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
KIC7S32FU KEC-KIC7S32FU_15 Datasheet
42Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com