전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4469 데이터시트(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

부품명 1N4469
상세설명  DO-41 Package
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
홈페이지  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

1N4469 데이터시트(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  1N4469 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


유사한 부품 번호 - 1N4469

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
1N4469 MICROSEMI-1N4469 Datasheet
64Kb / 2P
   1.5 WATT GLASS ZENER DIODES
logo
Central Semiconductor C...
1N4469 CENTRAL-1N4469 Datasheet
53Kb / 1P
   ZENER DIODES
1N4469 CENTRAL-1N4469 Datasheet
92Kb / 2P
   1.5 WATT ZENER DIODE
logo
Semtech Corporation
1N4469 SEMTECH-1N4469 Datasheet
42Kb / 3P
   Axial Leaded, Hermetically Sealed, 1.5 WATT Voltage Regulators
logo
EIC discrete Semiconduc...
1N4469 EIC-1N4469 Datasheet
108Kb / 2P
   SILICON ZENER DIODES
More results

유사한 설명 - 1N4469

제조업체부품명데이터시트상세설명
logo
New Jersey Semi-Conduct...
1N4946 NJSEMI-1N4946 Datasheet
110Kb / 1P
   DO-41
1N4291 NJSEMI-1N4291 Datasheet
151Kb / 1P
   DO-41
logo
WILLAS ELECTRONIC CORP
SR120 WILLAS-SR120 Datasheet
203Kb / 2P
   1.0AMP SCHOTTKY BARRIER RECTIFIERS DO-41 PACKAGE
logo
Continental Device Indi...
DO-41 CDIL-DO-41 Datasheet
146Kb / 3P
   DO-41 Hermetically Sealed Glass Axial Package
logo
New Jersey Semi-Conduct...
1N5559 NJSEMI-1N5559 Datasheet
336Kb / 1P
   DO-41 Case
logo
WILLAS ELECTRONIC CORP
SR220 WILLAS-SR220 Datasheet
278Kb / 2P
   2.0AMP SCHOTTKY BARRIER RECTIFIERS DO-41 PACKAGE
1N4001 WILLAS-1N4001_18 Datasheet
357Kb / 3P
   1.0A AXIAL SILICON RECTIFIERS-50V-1000V DO-41 PACKAGE
logo
NEC
RD82F NEC-RD82F Datasheet
63Kb / 8P
   ZENER DIODES 1 W DO-41 GLASS SEALED PACKAGE
logo
Jiangsu High diode Semi...
SR1150 HDSEMI-SR1150 Datasheet
2Mb / 4P
   DO-41 Plastic-Encapsulate Diodes
logo
Compact Technology Corp...
SB220 CTC-SB220 Datasheet
68Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS (DO-41)
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com