전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BUZ271 데이터시트(PDF) 4 Page - Siemens Semiconductor Group

부품명 BUZ271
상세설명  SIPMOS Power Transistor (P channel Enhancement mode Avalanche rated)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BUZ271 데이터시트(HTML) 4 Page - Siemens Semiconductor Group

  BUZ271 Datasheet HTML 1Page - Siemens Semiconductor Group BUZ271 Datasheet HTML 2Page - Siemens Semiconductor Group BUZ271 Datasheet HTML 3Page - Siemens Semiconductor Group BUZ271 Datasheet HTML 4Page - Siemens Semiconductor Group BUZ271 Datasheet HTML 5Page - Siemens Semiconductor Group BUZ271 Datasheet HTML 6Page - Siemens Semiconductor Group BUZ271 Datasheet HTML 7Page - Siemens Semiconductor Group BUZ271 Datasheet HTML 8Page - Siemens Semiconductor Group BUZ271 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Semiconductor Group
4
07/96
BUZ 271
Electrical Characteristics, at
Tj = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Reverse Diode
Inverse diode continuous forward current
TC = 25 °C
IS
-
-
-22
A
Inverse diode direct current,pulsed
TC = 25 °C
ISM
-
-
-88
Inverse diode forward voltage
VGS = 0 V, IF = -44 A
VSD
-
-1.25
-1.7
V
Reverse recovery time
VR = -30 V, IF=lS, diF/dt = 100 A/µs
trr
-
90
-
ns
Reverse recovery charge
VR = -30 V, IF=lS, diF/dt = 100 A/µs
Qrr
-
0.23
-
µC


유사한 부품 번호 - BUZ271

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
BUZ271 ISC-BUZ271 Datasheet
325Kb / 2P
   isc P-Channel MOSFET Transistor
More results

유사한 설명 - BUZ271

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BUZ172 SIEMENS-BUZ172 Datasheet
184Kb / 9P
   SIPMOS Power Transistor (P channel Enhancement mode Avalanche rated)
BUZ171 SIEMENS-BUZ171 Datasheet
189Kb / 9P
   SIPMOS Power Transistor (P channel Enhancement mode Avalanche rated)
BUZ173 SIEMENS-BUZ173 Datasheet
180Kb / 9P
   SIPMOS Power Transistor (P channel Enhancement mode Avalanche rated)
BUZ272 SIEMENS-BUZ272 Datasheet
202Kb / 9P
   SIPMOS Power Transistor (P channel Enhancement mode Avalanche rated)
BSP170P SIEMENS-BSP170P Datasheet
152Kb / 9P
   SIPMOS Power Transistor (P-Channel Enhancement mode Avalanche rated dv/dt rated)
BUZ20 SIEMENS-BUZ20 Datasheet
202Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ255 SIEMENS-BUZ255 Datasheet
128Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ308 SIEMENS-BUZ308 Datasheet
242Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ30A SIEMENS-BUZ30A Datasheet
207Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ31 SIEMENS-BUZ31 Datasheet
197Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com