전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BUZ31L 데이터시트(PDF) 5 Page - Siemens Semiconductor Group

부품명 BUZ31L
상세설명  SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BUZ31L 데이터시트(HTML) 5 Page - Siemens Semiconductor Group

  BUZ31L Datasheet HTML 1Page - Siemens Semiconductor Group BUZ31L Datasheet HTML 2Page - Siemens Semiconductor Group BUZ31L Datasheet HTML 3Page - Siemens Semiconductor Group BUZ31L Datasheet HTML 4Page - Siemens Semiconductor Group BUZ31L Datasheet HTML 5Page - Siemens Semiconductor Group BUZ31L Datasheet HTML 6Page - Siemens Semiconductor Group BUZ31L Datasheet HTML 7Page - Siemens Semiconductor Group BUZ31L Datasheet HTML 8Page - Siemens Semiconductor Group BUZ31L Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Semiconductor Group
5
07/96
BUZ 31 L
Power dissipation
Ptot = ƒ(TC)
0
20
40
60
80
100
120
°C
160
T
C
0
10
20
30
40
50
60
W
80
P
tot
Drain current
ID = ƒ(TC)
parameter:
V
GS ≥ 5 V
0
20
40
60
80
100
120
°C
160
T
C
0
1
2
3
4
5
6
7
8
9
10
11
12
A
14
I
D
Safe operating area
I
D = ƒ(VDS)
parameter:
D = 0.01, T
C = 25°C
-1
10
0
10
1
10
2
10
A
I
D
10
0
10
1
10
2
V
V
DS
DC
10 ms
1 ms
100 µs
10 µs
t
p = 3.1µs
Transient thermal impedance
Z
th JC = ƒ(tp)
parameter:
D = t
p / T
-3
10
-2
10
-1
10
0
10
1
10
K/W
Z
thJC
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
s
t
p
single pulse
0.01
0.02
0.05
0.10
0.20
D = 0.50


유사한 부품 번호 - BUZ31L

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BUZ31L INFINEON-BUZ31L Datasheet
88Kb / 8P
   SIPMOS Power Transistor
05.99
BUZ31LH INFINEON-BUZ31LH Datasheet
426Kb / 10P
   SIPMOS Power Transistor
Rev. 2.4 2009-11-10
More results

유사한 설명 - BUZ31L

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BUZ101SL SIEMENS-BUZ101SL Datasheet
132Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated)
BUZ21L SIEMENS-BUZ21L Datasheet
86Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ72L SIEMENS-BUZ72L Datasheet
189Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ70L SIEMENS-BUZ70L Datasheet
194Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ73L SIEMENS-BUZ73L Datasheet
181Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ100SL SIEMENS-BUZ100SL Datasheet
123Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated)
BUZ71AL SIEMENS-BUZ71AL Datasheet
128Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ71L SIEMENS-BUZ71L Datasheet
129Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ72AL SIEMENS-BUZ72AL Datasheet
187Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ73AL SIEMENS-BUZ73AL Datasheet
176Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com