전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BUZ326 데이터시트(PDF) 6 Page - Siemens Semiconductor Group

부품명 BUZ326
상세설명  SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BUZ326 데이터시트(HTML) 6 Page - Siemens Semiconductor Group

  BUZ326 Datasheet HTML 1Page - Siemens Semiconductor Group BUZ326 Datasheet HTML 2Page - Siemens Semiconductor Group BUZ326 Datasheet HTML 3Page - Siemens Semiconductor Group BUZ326 Datasheet HTML 4Page - Siemens Semiconductor Group BUZ326 Datasheet HTML 5Page - Siemens Semiconductor Group BUZ326 Datasheet HTML 6Page - Siemens Semiconductor Group BUZ326 Datasheet HTML 7Page - Siemens Semiconductor Group BUZ326 Datasheet HTML 8Page - Siemens Semiconductor Group BUZ326 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Semiconductor Group
6
07/96
BUZ 326
Typ. output characteristics
ID = ƒ(VDS)
parameter:
t
p = 80 µs
0
4
8
12
16
20
V
26
V
DS
0
2
4
6
8
10
12
14
16
18
20
A
24
I
D
V
GS
[V]
a
a
4.0
b
b
4.5
c
c
5.0
d
d
5.5
e
e
6.0
f
f
6.5
g
g
7.0
h
h
7.5
i
i
8.0
j
j
9.0
k
k
10.0
l
Ptot = 125W
l
20.0
Typ. drain-source on-resistance
RDS (on) = ƒ(ID)
parameter:
V
GS
0
2
4
6
8
10
12
14
16
A
20
I
D
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.6
R
DS (on)
VGS [V] =
a
4.0
VGS [V] =
a
a
4.5
b
b
5.0
c
c
5.5
d
d
6.0
e
e
6.5
f
f
7.0
g
g
7.5
h
h
8.0
i
i
9.0
j
j
10.0
k
k
20.0
Typ. transfer characteristics
ID = f (VGS)
parameter:
tp = 80 µs
VDS≥2 x ID x RDS(on)max
0
1
2
3
4
5
6
7
8
V
10
V
GS
0
2
4
6
8
10
12
A
16
I
D
Typ. forward transconductance
gfs = f (ID)
parameter:
tp = 80 µs,
VDS≥2 x ID x RDS(on)max
0
2
4
6
8
10
12
A
15
I
D
0
1
2
3
4
5
6
7
8
9
10
11
12
S
14
g
fs


유사한 부품 번호 - BUZ326

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
BUZ326 ISC-BUZ326 Datasheet
65Kb / 2P
   Easy driver for cost effective application
More results

유사한 설명 - BUZ326

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BUZ20 SIEMENS-BUZ20 Datasheet
202Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ255 SIEMENS-BUZ255 Datasheet
128Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ308 SIEMENS-BUZ308 Datasheet
242Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ30A SIEMENS-BUZ30A Datasheet
207Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ31 SIEMENS-BUZ31 Datasheet
197Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ323 SIEMENS-BUZ323 Datasheet
228Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ331 SIEMENS-BUZ331 Datasheet
212Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ344 SIEMENS-BUZ344 Datasheet
218Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ346S2 SIEMENS-BUZ346S2 Datasheet
154Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ70 SIEMENS-BUZ70 Datasheet
199Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ71S2 SIEMENS-BUZ71S2 Datasheet
130Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com