전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA35S281-DN 데이터시트(PDF) 2 Page - Kasin Electronics Corporation

부품명 KA35S281-DN
상세설명  Lead-Acid Battery Charger
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KASIN [Kasin Electronics Corporation]
홈페이지  http://www.kasincorp.com
Logo KASIN - Kasin Electronics Corporation

KA35S281-DN 데이터시트(HTML) 2 Page - Kasin Electronics Corporation

  KA35S281-DN Datasheet HTML 1Page - Kasin Electronics Corporation KA35S281-DN Datasheet HTML 2Page - Kasin Electronics Corporation KA35S281-DN Datasheet HTML 3Page - Kasin Electronics Corporation KA35S281-DN Datasheet HTML 4Page - Kasin Electronics Corporation KA35S281-DN Datasheet HTML 5Page - Kasin Electronics Corporation KA35S281-DN Datasheet HTML 6Page - Kasin Electronics Corporation KA35S281-DN Datasheet HTML 7Page - Kasin Electronics Corporation KA35S281-DN Datasheet HTML 8Page - Kasin Electronics Corporation KA35S281-DN Datasheet HTML 9Page - Kasin Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
KA35S280/281
Lead-Acid Battery Charger
2011 Nov 18
© 2011
Kasin Technology Inc.
2
Features:
 Optimum Control for Maximum Battery Capacity and Life
 Applicable to Various Types of Lead Battery
 Pin-Selectable Charge Algorithms (3 Step Voltage, Current, or Pulsed Charge)
 Automatically Shorted, Opened, or Damaged Cells Detections
 Automatically Battery Removal Detection
 Charge Condition LED Indicator Outputs (On, Pulsed, Off)
 Automatic Correction of Charging Current and Voltage Based on Current Temperature
 Maximum and Minimum Battery Temperature Protection
 Pre-Charge Qualification (Initial Trickle Charge for Deeply Discharged Batteries)
 Cycle/Float Button (For In-System Battery Charge Condition)
 Adjustable Charging Time Control by Changing the External Current Resistor
 Faster Charge Time Button
 Externally Disabling Charge Button
 Switch Mode Constant Current Generation
 Pb-Free (RoHS Compliant)
Applications:
 Handheld Equipment
 Portable Instruments and Communications
 Power Conditioning for Battery Systems
 Telecommunications
 Power Utility
 Emergency Lighting
 Control System
 Fire & Security
 Renewables
 UPS
Description:
The KA35S28X series of battery charger controllers contain all of the necessary circuitry to
optimally control the charge and hold cycle for sealed lead-acid batteries. These integrated
circuits monitor and control both the output voltage and current of the charger through three
separate charge states; a high current bulk-charge state, a controlled over-charge, and a
precision float-charge, or standby, state.
The Pulse-Width Modulator (PWM) provides control for high-efficiency current and voltage
regulation. It allows the KA35S28X to control 3-step constant-voltage, constant current, or
pulsed-current charging. A charge cycle begins when power is applied or the battery is
replaced. For safety, charging is inhibited until the battery voltage is within configured limits.
If the battery voltage is less than the low-voltage threshold, the KA35S28X provides trickle-
current charging until the voltage rises into the allowed range. This procedure prevents high-
current charging of cells that are possibly damaged or reversed.
Charging is inhibited anytime if the temperature of the battery is outside the configurable,
allowed range.
All voltage thresholds, in accordance with battery manufacturer's
recommendations, are change proportional to the temperature conditions.
KA35S28X can receive the types of charging algorithm or stop charging commands from its
mode selection pins. Also it can change the voltage thresholds when battery is connected to
an electronic circuit or raises charge speed by 25% only by individual pins that named as
"cycle/float" and "faster charge".


유사한 부품 번호 - KA35S281-DN

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA350 FAIRCHILD-KA350 Datasheet
121Kb / 8P
   3-Terminal 3A Positive Adjustable Voltage Regulator
KA3501 FAIRCHILD-KA3501 Datasheet
41Kb / 6P
   PC SMPS Supervisory IC
KA3502 FAIRCHILD-KA3502 Datasheet
89Kb / 14P
   PC SMPS Supervisory IC
KA3504 FAIRCHILD-KA3504 Datasheet
207Kb / 12P
   PC SMPS Supervisory IC
KA3505 FAIRCHILD-KA3505 Datasheet
324Kb / 14P
   PC SMPS Supervisory IC
More results

유사한 설명 - KA35S281-DN

제조업체부품명데이터시트상세설명
logo
CUI INC
DTB120150UC CUI-DTB120150UC Datasheet
1Mb / 6P
   LEAD ACID BATTERY CHARGER
logo
Texas Instruments
UC3906N TI-UC3906N Datasheet
4Mb / 17P
[Old version datasheet]   Sealed Lead-Acid Battery Charger
UC2906 TI-UC2906 Datasheet
568Kb / 8P
[Old version datasheet]   Sealed Lead-Acid Battery Charger
UC2909 TI1-UC2909_13 Datasheet
748Kb / 14P
[Old version datasheet]   Switchmode Lead-Acid Battery Charger
UC2909-EP TI-UC2909-EP_15 Datasheet
968Kb / 20P
[Old version datasheet]   SWITCHMODE LEAD-ACID BATTERY CHARGER
logo
Bothhand USA, LP.
EA1046 BOTHHAND-EA1046 Datasheet
40Kb / 2P
   12V Lead-Acid Battery Charger
logo
Power Sonic Corporation
PSC-61000A-C POWER-SONIC-PSC-61000A-C Datasheet
334Kb / 1P
   Sealed Lead Acid Battery Charger
logo
Texas Instruments
UC2909-EP TI1-UC2909-EP_16 Datasheet
1Mb / 21P
[Old version datasheet]   SWITCHMODE LEAD-ACID BATTERY CHARGER
logo
Shanghai Consonance Ele...
CN3767 CONSONANCE-CN3767 Datasheet
219Kb / 11P
   Lead-Acid Battery Charger IC
logo
Texas Instruments
UC2906N TI1-UC2906N Datasheet
3Mb / 17P
[Old version datasheet]   Sealed Lead-Acid Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com