전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BUZ50A 데이터시트(PDF) 3 Page - Siemens Semiconductor Group

부품명 BUZ50A
상세설명  SIPMOS Power Transistor (N channel Enhancement mode)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BUZ50A 데이터시트(HTML) 3 Page - Siemens Semiconductor Group

  BUZ50A Datasheet HTML 1Page - Siemens Semiconductor Group BUZ50A Datasheet HTML 2Page - Siemens Semiconductor Group BUZ50A Datasheet HTML 3Page - Siemens Semiconductor Group BUZ50A Datasheet HTML 4Page - Siemens Semiconductor Group BUZ50A Datasheet HTML 5Page - Siemens Semiconductor Group BUZ50A Datasheet HTML 6Page - Siemens Semiconductor Group BUZ50A Datasheet HTML 7Page - Siemens Semiconductor Group BUZ50A Datasheet HTML 8Page - Siemens Semiconductor Group BUZ50A Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Semiconductor Group
3
07/96
BUZ 50 A
Electrical Characteristics, at
Tj = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Dynamic Characteristics
Transconductance
VDS≥ 2 * ID * RDS(on)max, ID = 1.5 A
gfs
0.7
1.5
-
S
Input capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Ciss
-
1600
2100
pF
Output capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Coss
-
70
120
Reverse transfer capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Crss
-
30
55
Turn-on delay time
VDD = 30 V, VGS = 10 V, ID = 2 A
RGS = 50 Ω
td(on)
-
30
45
ns
Rise time
VDD = 30 V, VGS = 10 V, ID = 2 A
RGS = 50 Ω
tr
-
40
60
Turn-off delay time
VDD = 30 V, VGS = 10 V, ID = 2 A
RGS = 50 Ω
td(off)
-
110
140
Fall time
VDD = 30 V, VGS = 10 V, ID = 2 A
RGS = 50 Ω
tf
-
60
80


유사한 부품 번호 - BUZ50A

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
BUZ50A ETC-BUZ50A Datasheet
25Kb / 2P
   HIGH VOLTAGE POWER MOSFET N-CHANNEL
logo
New Jersey Semi-Conduct...
BUZ50A NJSEMI-BUZ50A Datasheet
103Kb / 4P
   Enhancement mode
logo
Inchange Semiconductor ...
BUZ50A ISC-BUZ50A Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - BUZ50A

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BUZ50B SIEMENS-BUZ50B Datasheet
199Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
BUZ80A SIEMENS-BUZ80A Datasheet
176Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
BUZ310 SIEMENS-BUZ310 Datasheet
240Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
BUZ50C SIEMENS-BUZ50C Datasheet
203Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
BUZ311 SIEMENS-BUZ311 Datasheet
240Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
logo
Infineon Technologies A...
SPD09P06PL INFINEON-SPD09P06PL_08 Datasheet
1Mb / 9P
   SIPMOS Power-Transistor Feature N-Channel Enhancement mode
Rev 2.5 2008-07-29
IPI47N10S-33 INFINEON-IPI47N10S-33 Datasheet
2Mb / 8P
   SIPMOS Power-Transistor Feature N-Channel Enhancement mode
2006-02-14
logo
Siemens Semiconductor G...
BUZ205 SIEMENS-BUZ205 Datasheet
338Kb / 6P
   SIPMOS Power Transistor (N channel Enhancement mode FREDFET)
BUZ385 SIEMENS-BUZ385 Datasheet
155Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode FREDFET)
BUZ215 SIEMENS-BUZ215 Datasheet
120Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode FREDFET)
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com