전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N2326 데이터시트(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

부품명 2N2326
상세설명  SCR, V(DRM) = 200 V TO 299.9 V
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
홈페이지  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

2N2326 데이터시트(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  2N2326 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


유사한 부품 번호 - 2N2326

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
2N2326 MICROSEMI-2N2326 Datasheet
67Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
Seme LAB
2N2326 SEME-LAB-2N2326 Datasheet
16Kb / 1P
   Bipolar NPNP Device in a Hermetically sealed TO39
logo
Central Semiconductor C...
2N2326 CENTRAL-2N2326 Datasheet
138Kb / 2P
   SILICON CONTROLLED RECTIFIER 1.6 AMPS, 25 THRU 400 VOLTS
logo
Comset Semiconductor
2N2326 COMSET-2N2326 Datasheet
80Kb / 3P
   SILICON THYRISTORS
logo
Digitron Semiconductors
2N2326 DIGITRON-2N2326 Datasheet
397Kb / 3P
   SILICON CONTROLLED RECTIFIERS
More results

유사한 설명 - 2N2326

제조업체부품명데이터시트상세설명
logo
New Jersey Semi-Conduct...
2N1774 NJSEMI-2N1774 Datasheet
111Kb / 1P
   SCR, V (DRM) = 200V TO 299.9 V
2N1604 NJSEMI-2N1604 Datasheet
112Kb / 1P
   SCR, V (DRM) = 400 V TO 499.9 V
2N1871A NJSEMI-2N1871A Datasheet
105Kb / 1P
   SCR, V (DRM) = 50 V TO 99.9 V
2N2013 NJSEMI-2N2013 Datasheet
80Kb / 1P
   SCR, V(DRM) = 300 V TO 399.9 V
150C15B NJSEMI-150C15B Datasheet
112Kb / 1P
   SCR, (DRM) = 100 V TO 199.9 V
2N1772 NJSEMI-2N1772 Datasheet
90Kb / 1P
   SCR, V (DRM) = 100V TO 199.9 V
2N2329 NJSEMI-2N2329 Datasheet
93Kb / 1P
   SCR, V(DRM) = 400 V TO 499.9 V
2N2324 NJSEMI-2N2324 Datasheet
85Kb / 1P
   SCR, V(DRM) = 100 V TO 199.9 V
2N2324A NJSEMI-2N2324A Datasheet
103Kb / 1P
   SCR, V(DRM) = 100 V TO 199.9 V
2N3005 NJSEMI-2N3005 Datasheet
88Kb / 1P
   SCR, V(DRM) < 50 V
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com