전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DLE-0001260 데이터시트(PDF) 2 Page - Everlight Electronics Co., Ltd

부품명 DLE-0001260
상세설명  Popular T-1 round package
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EVERLIGHT [Everlight Electronics Co., Ltd]
홈페이지  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

DLE-0001260 데이터시트(HTML) 2 Page - Everlight Electronics Co., Ltd

  DLE-0001260 Datasheet HTML 1Page - Everlight Electronics Co., Ltd DLE-0001260 Datasheet HTML 2Page - Everlight Electronics Co., Ltd DLE-0001260 Datasheet HTML 3Page - Everlight Electronics Co., Ltd DLE-0001260 Datasheet HTML 4Page - Everlight Electronics Co., Ltd DLE-0001260 Datasheet HTML 5Page - Everlight Electronics Co., Ltd DLE-0001260 Datasheet HTML 6Page - Everlight Electronics Co., Ltd DLE-0001260 Datasheet HTML 7Page - Everlight Electronics Co., Ltd DLE-0001260 Datasheet HTML 8Page - Everlight Electronics Co., Ltd DLE-0001260 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
LifecyclePhase:
Revision
: 2
Expired Period: Forever
Release Date:2009-07-28 13:48:43.0
Technical Data Sheet
1224UTC/S400-A6
Everlight Electronics Co., Ltd.
http\\:www.everlight.com
Rev
2
Page: 2 of 11
Device Number: DLE-0001260
Established date:04/16/2009
Established by : Ruby Lin
Package Dimensions
Notes:
1.All dimensions are in millimeters, and tolerance is 0.25mm except being specified.
2.Lead spacing is measured where the lead emerges from the package.
3.Protruded resin under flange is 1.5mm Max. LED.


유사한 부품 번호 - DLE-0001260

제조업체부품명데이터시트상세설명
logo
Everlight Electronics C...
DLE-0001232 EVERLIGHT-DLE-0001232 Datasheet
123Kb / 6P
   3.0mm Round Type LED Lamps
DLE-0001287 EVERLIGHT-DLE-0001287 Datasheet
274Kb / 10P
   Popular T-1 3/4 round package
More results

유사한 설명 - DLE-0001260

제조업체부품명데이터시트상세설명
logo
Everlight Electronics C...
264-15-T2C4-2NRA EVERLIGHT-264-15-T2C4-2NRA_10 Datasheet
264Kb / 12P
   Popular T-1 round package
204-15-T2C3-2LQA EVERLIGHT-204-15-T2C3-2LQA Datasheet
384Kb / 12P
   Popular T-1 round package
204-15-T2C3-4LQA EVERLIGHT-204-15-T2C3-4LQA_09 Datasheet
386Kb / 12P
   Popular T-1 round package
264-15-T2C4-1NRB EVERLIGHT-264-15-T2C4-1NRB_08 Datasheet
257Kb / 11P
   Popular T-1 round package
264-15-T2C4-2NRA EVERLIGHT-264-15-T2C4-2NRA Datasheet
394Kb / 12P
   Popular T-1 round package
204-15-T1C3-4QSA EVERLIGHT-204-15-T1C3-4QSA_09 Datasheet
407Kb / 12P
   Popular T-1 round package
204-15-T2C3-4NQA EVERLIGHT-204-15-T2C3-4NQA Datasheet
380Kb / 12P
   Popular T-1 round package
EALP03RDFWA0 EVERLIGHT-EALP03RDFWA0 Datasheet
297Kb / 10P
   Popular T-1 round package
204-15UTC-S400-X9 EVERLIGHT-204-15UTC-S400-X9 Datasheet
223Kb / 12P
   Popular T-1 3/4 round package
7383-R2C3-AMQB-X EVERLIGHT-7383-R2C3-AMQB-X Datasheet
255Kb / 10P
   ?Popular T-1 3/4 round package.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com