전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CFY30 데이터시트(PDF) 2 Page - Siemens Semiconductor Group

부품명 CFY30
상세설명  GaAs FET (Low noise Fmin = 1.4 dB @ 4 GHz High gain 11.5 dB typ. @ 4 GHz)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

CFY30 데이터시트(HTML) 2 Page - Siemens Semiconductor Group

  CFY30 Datasheet HTML 1Page - Siemens Semiconductor Group CFY30 Datasheet HTML 2Page - Siemens Semiconductor Group CFY30 Datasheet HTML 3Page - Siemens Semiconductor Group CFY30 Datasheet HTML 4Page - Siemens Semiconductor Group CFY30 Datasheet HTML 5Page - Siemens Semiconductor Group CFY30 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
GaAs FET
CFY 30
________________________________________________________________________________________________________
Siemens Aktiengesellschaft
pg. 2/6
11.01.1996
HL EH PD 21
Electrical characteristics at
TA = 25°C, unless otherwise specified
Characteristics
Symbol
min
typ
max
Unit
Drain-source saturation current
V
DS
= 3.5 V,
V
GS
= 0 V
I
DSS
20
50
80
mA
Pinch-off voltage
V
DS
= 3.5 V
I
D
= 1 mA
V
GS(P)
-0.5
-1.3
-4.0
V
Transconductance
V
DS
= 3.5 V
I
D
= 15 mA
g
m
20
30
-
mS
Gate leakage current
V
DS
= 3.5 V
I
D
= 15 mA
I
G
-
0.1
2
µA
Noise figure
V
DS
= 3.5 V
I
D
= 15 mA
f = 4 GHz
f = 6 GHz
F
-
-
1.4
2.0
1.6
-
dB
Associated gain
V
DS
= 3.5 V
I
D
= 15 mA
f = 4 GHz
f = 6 GHz
G
a
10
-
11.5
8.9
-
-
dB
Maximum available gain
V
DS
= 3.5 V
I
D
= 15 mA
f = 6 GHz
MAG
-
11.2
-
dB
Maximum stable gain
V
DS
= 3.5 V
I
D
= 15 mA
f = 4 GHz
MSG
-
14.4
-
dB
Power output at 1 dB compression
V
DS
= 4 V
I
D
= 30 mA
f = 6 GHz
P
1dB
-16
-
dBm


유사한 부품 번호 - CFY30

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
CFY35 SIEMENS-CFY35 Datasheet
33Kb / 4P
   GaAs FET (Low noise High gain For low-noise front end amplifiers For DBS down converters)
CFY35-20 SIEMENS-CFY35-20 Datasheet
33Kb / 4P
   GaAs FET (Low noise High gain For low-noise front end amplifiers For DBS down converters)
CFY35-23 SIEMENS-CFY35-23 Datasheet
33Kb / 4P
   GaAs FET (Low noise High gain For low-noise front end amplifiers For DBS down converters)
More results

유사한 설명 - CFY30

제조업체부품명데이터시트상세설명
logo
Pasternack Enterprises,...
PE15A1005 PASTERNACK-PE15A1005 Datasheet
678Kb / 6P
   40 dB Gain, 1.5 dB NF, 15 dBm, 1.2 GHz to 1.4 GHz, Low Noise High Gain Amplifier
PE15A1023 PASTERNACK-PE15A1023 Datasheet
406Kb / 5P
   1.5 dB NF, 10 dBm P1dB, 1.2 GHz to 1.4 GHz,Low Noise Amplifier, 25 dB Gain, SMA
PE15A1024 PASTERNACK-PE15A1024 Datasheet
407Kb / 5P
   1.5 dB NF, 17 dBm P1dB, 1.2 GHz to 1.4 GHz,Low Noise Amplifier, 35 dB Gain, SMA
PE15A1010 PASTERNACK-PE15A1010 Datasheet
406Kb / 3P
   40 dB Gain, 0.9 dB NF, 14 dBm, 2 GHz to 6 GHz, Low Noise High Gain Amplifier
PE15A1006 PASTERNACK-PE15A1006 Datasheet
474Kb / 6P
   40 dB Gain, 1.1 dB NF, 15 dBm, 3.1 GHz to 3.5 GHz, Low Noise High Gain Amplifier
PE15A1002 PASTERNACK-PE15A1002 Datasheet
465Kb / 6P
   2 dB NF, 20 mW, 4 GHz to 8 GHz, Low Noise Amplifier
PE15A1001 PASTERNACK-PE15A1001 Datasheet
466Kb / 6P
   2 dB NF, 20 mW, 2 GHz to 4 GHz, Low Noise Amplifier
logo
NXP Semiconductors
CGD1040HI NXP-CGD1040HI Datasheet
58Kb / 7P
   1 GHz, 20 dB gain GaAs high output power doubler
Rev. 01-22 September 2009
logo
Cree, Inc
CGHV60075D5 CREE-CGHV60075D5 Datasheet
662Kb / 7P
   19 dB Typical Small Signal Gain at 4 GHz
logo
NXP Semiconductors
CGD1044HI NXP-CGD1044HI Datasheet
59Kb / 7P
   1 GHz, 25 dB gain GaAs high output power doubler
Rev. 01-21 September 2009
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com