전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM802101UMG 데이터시트(PDF) 7 Page - Micrel Semiconductor

부품명 SM802101UMG
상세설명  ClockWorks??PCI-e Octal 100MHz/200MHz Ultra-Low Jitter, HCSL Frequency Synthesizer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICREL [Micrel Semiconductor]
홈페이지  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SM802101UMG 데이터시트(HTML) 7 Page - Micrel Semiconductor

Back Button SM802101UMG Datasheet HTML 3Page - Micrel Semiconductor SM802101UMG Datasheet HTML 4Page - Micrel Semiconductor SM802101UMG Datasheet HTML 5Page - Micrel Semiconductor SM802101UMG Datasheet HTML 6Page - Micrel Semiconductor SM802101UMG Datasheet HTML 7Page - Micrel Semiconductor SM802101UMG Datasheet HTML 8Page - Micrel Semiconductor SM802101UMG Datasheet HTML 9Page - Micrel Semiconductor SM802101UMG Datasheet HTML 10Page - Micrel Semiconductor SM802101UMG Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Micrel, Inc.
SM802101
July 2011
7
M9999-072111-A
hbwhelp@micrel.com or (408) 955-1690
Application Information
Input Reference
When operating with a crystal input reference, do not
apply a switching signal to REF_IN.
Crystal Layout
Keep the layers under the crystal as open as possible
and do not place switching signals or noisy supplies
under the crystal.
Crystal load capacitance is built inside the die so no
external capacitance is needed. See the Selecting a
Quartz crystal for the Clockworks Flex I Family of
Precision Synthesizers
application note for further
details.
Contact Micrel’s HBW applications group if you need
assistance on selecting a suitable crystal for your
application at: hbwhelp@micrel.com.
HCSL Outputs
HCSL outputs are to be terminated with 50Ω to VSS. For
best performance load all outputs. If you want to AC-
couple or change the termination, contact Micrel’s
application group at: hbwhelp@micrel.com.


유사한 부품 번호 - SM802101UMG

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
SM802104 MICREL-SM802104 Datasheet
322Kb / 11P
   ClockWork Fibre Channel (106.25MHz, 212.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802104UMG MICREL-SM802104UMG Datasheet
322Kb / 11P
   ClockWork Fibre Channel (106.25MHz, 212.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802104UMGR MICREL-SM802104UMGR Datasheet
322Kb / 11P
   ClockWork Fibre Channel (106.25MHz, 212.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802104 MICREL-SM802104_11 Datasheet
322Kb / 11P
   ClockWork Fibre Channel (106.25MHz, 212.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802105 MICREL-SM802105 Datasheet
321Kb / 11P
   ClockWork 10GbE (156.25MHz, 312.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
More results

유사한 설명 - SM802101UMG

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
SM802109 MICREL-SM802109 Datasheet
403Kb / 11P
   ClockWorks??PCI-e Quad 100MHz Ultra-Low Jitter, HCSL Frequency Synthesizer
PL602041 MICREL-PL602041 Datasheet
543Kb / 9P
   ClockWorks PCIe Quad Outputs Ultra-Low Jitter, HCSL Frequency Synthesizer
PL602041 MICREL-PL602041_14 Datasheet
604Kb / 9P
   ClockWorks??PCIe Quad Outputs Ultra-Low Jitter, HCSL Frequency Synthesizer
PL602081UMG MICREL-PL602081UMG Datasheet
646Kb / 15P
   PCIe Octal, Ultra-Low Jitter, HCSL Frequency Synthesizer
SM802110 MICREL-SM802110 Datasheet
274Kb / 7P
   ClockWorks??CPRI 153.6MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802117 MICREL-SM802117 Datasheet
333Kb / 10P
   ClockWorks??GbE (125MHz) Ultra-Low Jitter, LVPECL Frequency Synthesizer
logo
Microchip Technology
MX575ABJ100M000 MICROCHIP-MX575ABJ100M000 Datasheet
1Mb / 4P
   Ultra-Low Jitter 100MHz HCSL XO
July 11, 2017 Revision 1.0
logo
Micrel Semiconductor
SM802123 MICREL-SM802123 Datasheet
422Kb / 12P
   ClockWorks??125MHz/25MHz Ultra-Low Jitter, LVCMOS Frequency Synthesizer
SM802124 MICREL-SM802124 Datasheet
247Kb / 9P
   ClockWorks??DUAL 125MHz Ultra-Low Jitter, CMOS Frequency Synthesizer
logo
Integrated Circuit Syst...
ICS8431-01 ICST-ICS8431-01 Datasheet
2Mb / 11P
   200MHZ, LOW JITTER, LVPECL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com