전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HDN1131O 데이터시트(PDF) 1 Page - Siemens Semiconductor Group

부품명 HDN1131O
상세설명  0.59(13MM) SEVEN SEGMENT NUMERIC DISPLAY LOW CURRENT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HDN1131O 데이터시트(HTML) 1 Page - Siemens Semiconductor Group

  HDN1131O Datasheet HTML 1Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


유사한 부품 번호 - HDN1131O

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
HDN1131O SIEMENS-HDN1131O Datasheet
522Kb / 5P
   SEVEN SEGMENT DISPLAY 13MM LOW CURRENT VERSION
More results

유사한 설명 - HDN1131O

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
HD1131R SIEMENS-HD1131R Datasheet
78Kb / 2P
   0.51(13MM) SEVEN SEGMENT NUMERIC DISPLAY
HDN1131O SIEMENS-HDN1131O Datasheet
522Kb / 5P
   SEVEN SEGMENT DISPLAY 13MM LOW CURRENT VERSION
HD1131 SIEMENS-HD1131 Datasheet
644Kb / 6P
   SEVEN SEGMENT DISPLAY 13MM
HDN1105 SIEMENS-HDN1105 Datasheet
67Kb / 1P
   0.39(10MM) SEVEN SEGMENT NUMERIC DISPLAY LOW CURRENT
logo
Micro Electronics
MU1231A-C MICRO-ELECTRONICS-MU1231A-C Datasheet
88Kb / 2P
   SEVEN SEGMENT NUMERIC DISPLAY
logo
Siemens Semiconductor G...
HD1105R SIEMENS-HD1105R Datasheet
86Kb / 2P
   0.39(10MM) SEVEN SEGMENT NUMERIC DISPLAY
logo
Lite-On Technology Corp...
LTD-5521AE LITEON-LTD-5521AE Datasheet
786Kb / 5P
   0.56 Seven-Segment Numeric LED Display
LTS-5303AP LITEON-LTS-5303AP Datasheet
786Kb / 5P
   0.56 Seven-Segment Numeric LED Display
logo
Siemens Semiconductor G...
HD1075R SIEMENS-HD1075R Datasheet
79Kb / 2P
   0.28(7MM) SEVEN SEGMENT NUMERIC DISPLAY
logo
Lite-On Technology Corp...
LTD-5623AG LITEON-LTD-5623AG Datasheet
786Kb / 5P
   0.56 Seven-Segment Numeric LED Display
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com