전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM1432NE 데이터시트(PDF) 1 Page - Analog Power

부품명 AM1432NE
상세설명  N-Channel 30V (D-S) MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ANALOGPOWER [Analog Power]
홈페이지  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM1432NE 데이터시트(HTML) 1 Page - Analog Power

  AM1432NE Datasheet HTML 1Page - Analog Power AM1432NE Datasheet HTML 2Page - Analog Power AM1432NE Datasheet HTML 3Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AM1432NE
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM1432NE_A
1
These miniature surface mount MOSFETs utilize a
high cell density trench process to provide low
rDS(on) and to ensure minimal power loss and heat
dissipation. Typical applications are DC-DC
converters and power management in portable and
battery-powered products such as computers,
printers, PCMCIA cards, cellular and cordless
telephones.
VDS (V)
rDS(on) ( )
ID (A)
0.033 @ VGS = 10 V
5.7
0.045 @ VGS = 4.5V
4.9
PRODUCT SUMMARY
30
N-Channel 30V (D-S) MOSFET
Low rDS(on) provides higher efficiency and
extends battery life
Low thermal impedance copper leadframe
SC70-6 saves board space
Fast switching speed
High performance trench technology
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
Symbol Maximum Units
VDS
30
VGS
±20
TA=25
o
C
5.7
TA=70
o
C
4.6
IDM
±20
IS
1.6
A
TA=25
o
C
1.56
TA=70
o
C
0.81
TJ, Tstg
-55 to 150
o
C
Drain-Source Voltage
Continuous Drain Current
a
ID
A
Power Dissipation
a
PD
Operating Junction and Storage Temperature Range
W
Continuous Source Current (Diode Conduction)
a
ABSOLUTE MAXIMUM RATINGS (TA = 25
oC UNLESS OTHERWISE NOTED)
Paramete r
Pulsed Drain Current
b
V
Gate-Source Voltage
Symbol
Maximum Units
t <= 5 sec
100
Steady-State
166
THERMAL RESISTANCE RATINGS
Parameter
o
C/W
Maximum Junction-to-Ambient
a
RTHJA
SC70-6
Top View
D
D
S
D
D
G
1
2
3
6
5
4
D
1
S
1
G
1
N-Channel MOSFET
ESD
Protected


유사한 부품 번호 - AM1432NE

제조업체부품명데이터시트상세설명
logo
Analog Power
AM1430N ANALOGPOWER-AM1430N Datasheet
150Kb / 2P
   N-Channel 30V (D-S) MOSFET
AM1431P ANALOGPOWER-AM1431P Datasheet
142Kb / 2P
   P-Channel 30-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AM1431P-T1-PF VBSEMI-AM1431P-T1-PF Datasheet
1,017Kb / 9P
   P-Channel 20 V (D-S) MOSFET
logo
Analog Power
AM1433PE ANALOGPOWER-AM1433PE Datasheet
70Kb / 2P
   P-Channel 30-V (D-S) MOSFET
AM1434N ANALOGPOWER-AM1434N Datasheet
59Kb / 2P
   N-Channel 30V (D-S) MOSFET
More results

유사한 설명 - AM1432NE

제조업체부품명데이터시트상세설명
logo
Bruckewell Technology L...
MSD23N22 BWTECH-MSD23N22 Datasheet
528Kb / 6P
   N-Channel 30V (D-S) MOSFET
logo
Analog Power
AM1434N ANALOGPOWER-AM1434N Datasheet
59Kb / 2P
   N-Channel 30V (D-S) MOSFET
AM1430N ANALOGPOWER-AM1430N Datasheet
150Kb / 2P
   N-Channel 30V (D-S) MOSFET
AM3456N ANALOGPOWER-AM3456N Datasheet
135Kb / 2P
   N-Channel 30V (D-S) MOSFET
AM3456NE ANALOGPOWER-AM3456NE Datasheet
211Kb / 3P
   N-Channel 30V (D-S) MOSFET
AM3406N ANALOGPOWER-AM3406N Datasheet
143Kb / 2P
   N-Channel 30V (D-S) MOSFET
AM1330N ANALOGPOWER-AM1330N Datasheet
161Kb / 3P
   N-Channel 30V (D-S) MOSFET
logo
Leshan Radio Company
LN3410DT2AG LRC-LN3410DT2AG Datasheet
791Kb / 5P
   N-Channel 30V (D-S) MOSFET
LN2306ELT1G LRC-LN2306ELT1G Datasheet
715Kb / 5P
   N-Channel 30V(D-S) MOSFET VDS= 30V
S-LNB2306ELT1G LRC-S-LNB2306ELT1G Datasheet
457Kb / 5P
   N-Channel 30V (D-S) MOSFET , ESD Protected
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com