전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM2392N 데이터시트(PDF) 2 Page - Analog Power

부품명 AM2392N
상세설명  N-Channel 150V (D-S) MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ANALOGPOWER [Analog Power]
홈페이지  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM2392N 데이터시트(HTML) 2 Page - Analog Power

  AM2392N Datasheet HTML 1Page - Analog Power AM2392N Datasheet HTML 2Page - Analog Power AM2392N Datasheet HTML 3Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AM2392N
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM2392_A
2
Notes
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing.
Analog Power (APL) reserves the right to make changes without further notice to any products herein. APL makes no warranty, representation
or guarantee regarding the suitability of its products for any particular purpose, nor does APL assume any liability arising out of the application or
use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental
damages. “Typical” parameters which may be provided in APL data sheets and/or specifications can and do vary in different applications and
actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by
customer’s technical experts. APL does not convey any license under its patent rights nor the rights of others. APL products are not designed,
intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or
sustain life, or for any other application in which the failure of the APL product could create a situation where personal injury or death may occur.
Should Buyer purchase or use APL products for any such unintended or unauthorized application, Buyer shall indemnify and hold APL and its
officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney
fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such
claim alleges that APL was negligent regarding the design or manufacture of the part. APL is an Equal Opportunity/Affirmative Action Employer.
Min
Typ
Max
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 uA
1
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ±8 V
±25
µA
VDS = 120 V, VGS = 0 V
1
VDS = 120 V, VGS = 0 V, TJ = 55
oC
10
On-State Drain Current
A
ID(on)
VDS = 5 V, VGS = 10 V
10
A
VGS = 10 V, ID = 0.5 A
2.6
VGS = 5.5 V, ID = 0.5 A
2.8
Forward Tranconductance
A
gfs
VDS = 10 V, ID = 0.5 A
11.3
S
Diode Forward Voltage
VSD
IS = 0.5 A, VGS = 0 V
0.75
V
Total Gate Charge
Qg
7
Gate-Source Charge
Qgs
1.1
Gate-Drain Charge
Qgd
2
Turn-On Delay Time
td(on)
8
Rise Time
tr
24
Turn-Off Delay Time
td(off)
35
Fall-Time
tf
10
SPECIFICATIONS (TA = 25
oC UNLESS OTHERWISE NOTED)
µ
A
IDSS
Zero Gate Voltage Drain Current
Static
Test Conditions
Symbol
Parameter
Limits
Unit
VDD = 10 V, RL = 15 , ID = 1 A,
VGEN = 4.5 V
VDS = 10 V, VGS = 5.5 V, ID = 0.5 A
nC
ns
Dynamic
b
Drain-Source On-Resistance
A
rDS(on)


유사한 부품 번호 - AM2392N

제조업체부품명데이터시트상세설명
logo
Analog Power
AM2390N ANALOGPOWER-AM2390N Datasheet
324Kb / 5P
   N-Channel 150-V (D-S) MOSFET
AM2391P ANALOGPOWER-AM2391P Datasheet
336Kb / 5P
   P-Channel 150-V (D-S) MOSFET
AM2394NE ANALOGPOWER-AM2394NE Datasheet
338Kb / 5P
   N-Channel 150-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AM2394NE VBSEMI-AM2394NE Datasheet
1Mb / 9P
   N-Channel 100 V (D-S) MOSFET
logo
Analog Power
AM2398N ANALOGPOWER-AM2398N Datasheet
139Kb / 3P
   N-Channel 60V (D-S) MOSFET
More results

유사한 설명 - AM2392N

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
NTB35N15T4G VBSEMI-NTB35N15T4G Datasheet
1,005Kb / 8P
   N-Channel 150V (D-S) MOSFET
PHB45NQ15T VBSEMI-PHB45NQ15T Datasheet
1,005Kb / 8P
   N-Channel 150V (D-S) MOSFET
SQM40N15-38-GE3 VBSEMI-SQM40N15-38-GE3 Datasheet
1,009Kb / 8P
   N-Channel 150V (D-S) MOSFET
NCE1540DA VBSEMI-NCE1540DA Datasheet
1,005Kb / 8P
   N-Channel 150V (D-S) MOSFET
2SK3604-01S VBSEMI-2SK3604-01S Datasheet
1Mb / 8P
   N-Channel 150V (D-S) MOSFET
AOB254L VBSEMI-AOB254L Datasheet
1,004Kb / 8P
   N-Channel 150V (D-S) MOSFET
logo
Analog Power
AM4390N ANALOGPOWER-AM4390N Datasheet
198Kb / 5P
   N-Channel 150V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
STB40NS15T4 VBSEMI-STB40NS15T4 Datasheet
1,009Kb / 8P
   N-Channel 150V (D-S) MOSFET
VBL1154N VBSEMI-VBL1154N Datasheet
603Kb / 8P
   N-Channel 150V (D-S) MOSFET
NCE1540AD VBSEMI-NCE1540AD Datasheet
1,006Kb / 8P
   N-Channel 150V (D-S) MOSFET
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com