전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM3438NE 데이터시트(PDF) 2 Page - Analog Power

부품명 AM3438NE
상세설명  N-Channel Logic Level MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ANALOGPOWER [Analog Power]
홈페이지  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM3438NE 데이터시트(HTML) 2 Page - Analog Power

  AM3438NE Datasheet HTML 1Page - Analog Power AM3438NE Datasheet HTML 2Page - Analog Power AM3438NE Datasheet HTML 3Page - Analog Power AM3438NE Datasheet HTML 4Page - Analog Power AM3438NE Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AM3438NE
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM3438NE_B
2
Notes
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing.
Analog Power (APL) reserves the right to make changes without further notice to any products herein. APL makes no warranty, representation
or guarantee regarding the suitability of its products for any particular purpose, nor does APL assume any liability arising out of the application or
use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental
damages. “Typical” parameters which may be provided in APL data sheets and/or specifications can and do vary in different applications and
actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by
customer’s technical experts. APL does not convey any license under its patent rights nor the rights of others. APL products are not designed,
intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or
sustain life, or for any other application in which the failure of the APL product could create a situation where personal injury or death may occur.
Should Buyer purchase or use APL products for any such unintended or unauthorized application, Buyer shall indemnify and hold APL and its
officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney
fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such
claim alleges that APL was negligent regarding the design or manufacture of the part. APL is an Equal Opportunity/Affirmative Action Employer.
Min
Typ
Max
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ±20 V
±10
µ
A
VDS = 24 V, VGS = 0 V
1
VDS = 24 V, VGS = 0 V, TJ = 55
oC
10
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 uA
1
V
VGS = 10 V, ID = 6.3 A
27
VGS = 4.5 V, ID = 5.5 A
40
Forward Tranconductance
A
gfs
VDS = 10 V, ID = 6.3 A
45
S
On-State Drain Current
A
ID(on)
VDS = 5 V, VGS = 10 V
20
A
Diode Forward Voltage
VSD
IS = 1.3 A, VGS = 0 V
0.75
V
Total Gate Charge
Qg
9
Gate-Source Charge
Qgs
2.9
Gate-Drain Charge
Qgd
3.2
Turn-On Delay Time
td(on)
6
Rise Time
tr
10
Turn-Off Delay Time
td(off)
18
Fall-Time
tf
5
SPECIFICATIONS (TA = 25
oC UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Conditions
Limits
Unit
Switch Off Characteristics
Zero Gate Voltage Drain Current
IDSS
µ
A
Drain-Source On-Resistance
A
rDS(on)
m
Switch On Characteristics
Dynamic
b
VDS = 15 V, VGS = 5 V, ID = 6.3 A
RL = 6
nC
Switching Characteristics
VDS = 15 V, RL = 6 , ID = 1 A,
VGEN = 10 V
ns


유사한 부품 번호 - AM3438NE

제조업체부품명데이터시트상세설명
logo
Analog Power
AM3431P ANALOGPOWER-AM3431P Datasheet
341Kb / 5P
   P-Channel 30-V (D-S) MOSFET
AM3434N ANALOGPOWER-AM3434N Datasheet
65Kb / 3P
   N-Channel 20V (D-S) MOSFET
AM3435P ANALOGPOWER-AM3435P Datasheet
167Kb / 3P
   P-Channel 20-V (D-S) MOSFET
More results

유사한 설명 - AM3438NE

제조업체부품명데이터시트상세설명
logo
Analog Power
AM3414N ANALOGPOWER-AM3414N Datasheet
105Kb / 3P
   N-Channel Logic Level MOSFET
AM2310N ANALOGPOWER-AM2310N Datasheet
244Kb / 5P
   N-Channel Logic Level MOSFET
logo
Samsung semiconductor
IRLZ44 SAMSUNG-IRLZ44 Datasheet
209Kb / 4P
   N-CHANNEL LOGIC LEVEL MOSFET
logo
ARTSCHIP ELECTRONICS CO...
IRLZ44 ARTSCHIP-IRLZ44 Datasheet
240Kb / 4P
   N-CHANNEL LOGIC LEVEL MOSFET
logo
Microsemi Corporation
2N6901 MICROSEMI-2N6901 Datasheet
154Kb / 3P
   N-CHANNEL LOGIC LEVEL MOSFET
logo
Analog Power
AM3402N ANALOGPOWER-AM3402N Datasheet
245Kb / 5P
   N-Channel Logic Level MOSFET
logo
SeCoS Halbleitertechnol...
SMG2318N SECOS-SMG2318N Datasheet
474Kb / 4P
   N-Channel Logic Level MOSFET
SMG2318N SECOS-SMG2318N_15 Datasheet
474Kb / 4P
   N-Channel Logic Level MOSFET
logo
NIKO SEMICONDUCTOR CO.,...
PA5S6EA NIKOSEM-PA5S6EA Datasheet
346Kb / 4P
   N-Channel Logic Level MOSFET
REV 1.0
logo
Fairchild Semiconductor
FDP7030BL FAIRCHILD-FDP7030BL Datasheet
112Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com