전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AZPB70Q 데이터시트(PDF) 9 Page - Arizona Microtek, Inc

부품명 AZPB70Q
상세설명  Programmer Board Kit for AZT70/71
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AZM [Arizona Microtek, Inc]
홈페이지  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZPB70Q 데이터시트(HTML) 9 Page - Arizona Microtek, Inc

Back Button AZPB70Q Datasheet HTML 5Page - Arizona Microtek, Inc AZPB70Q Datasheet HTML 6Page - Arizona Microtek, Inc AZPB70Q Datasheet HTML 7Page - Arizona Microtek, Inc AZPB70Q Datasheet HTML 8Page - Arizona Microtek, Inc AZPB70Q Datasheet HTML 9Page - Arizona Microtek, Inc AZPB70Q Datasheet HTML 10Page - Arizona Microtek, Inc AZPB70Q Datasheet HTML 11Page - Arizona Microtek, Inc AZPB70Q Datasheet HTML 12Page - Arizona Microtek, Inc AZPB70Q Datasheet HTML 13Page - Arizona Microtek, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Arizona Microtek, Inc.
AZPB70
Programmer Board for AZT70/71
www.azmicrotek.com
+1-480-962-5881
9
Request a Sample
May 2012, Rev 1.2
Figure 10 - AZT70 Capacitance Value Mapping
AZT70/71 FUNCTIONAL MODES
The AZT70/71 is designed to be used in 2 functional modes, Programming and Operational.
In the Programming mode, the AZT70/71 is used by the manufacturer to set the capacitance value to control the desired
center frequency of the oscillator. The programming mode uses either the shift registers or EEPROM (detailed later) and
gives the manufacturer access to pins DA, CLK, and PV which allow the AZT70/71 to be programmed with the
(AZPB70) along with the included software (Figure 11).
In the Operational mode, the EEPROM internal to the AZT70/71 has already been programmed with the desired factory
settings. Pins DA, CLK, and PV are to be disconnected, thereby allowing the AZT70/71’s internal pull-downs to place the
pins at ground potential. In the operational mode, only 3 pins are necessary for hookup (Figure 12).


유사한 부품 번호 - AZPB70Q

제조업체부품명데이터시트상세설명
logo
Arizona Microtek, Inc
AZP51 AZM-AZP51 Datasheet
228Kb / 9P
   Low Phase Noise Sine Wave to LVPECL Buffer/Divider
AZP51 AZM-AZP51 Datasheet
499Kb / 9P
   Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
AZP51SG AZM-AZP51SG Datasheet
228Kb / 9P
   Low Phase Noise Sine Wave to LVPECL Buffer/Divider
AZP51SG AZM-AZP51SG Datasheet
499Kb / 9P
   Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
AZP51 AZM-AZP51_12 Datasheet
499Kb / 9P
   Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
More results

유사한 설명 - AZPB70Q

제조업체부품명데이터시트상세설명
logo
Micronas
HAL-APV-V5.1 MICRONAS-HAL-APV-V5.1 Datasheet
752Kb / 102P
   Programmer Board
logo
Schneider Electric
VW3A93120 SCHNEIDER-VW3A93120 Datasheet
72Kb / 1P
   Metal substitution kit for ATV61/71 - to ATV600/900
Jan 13, 2021
logo
Maxim Integrated Produc...
MAXQ30-FPBM-TFP3Q MAXIM-MAXQ30-FPBM-TFP3Q Datasheet
62Kb / 2P
   TFP3 Flash Programmer Board
7/30/2015
MAXQ30-FPBM-TFP3L MAXIM-MAXQ30-FPBM-TFP3L Datasheet
60Kb / 1P
   TFP3 Flash Programmer Board
7/30/2015
logo
Abracon Corporation
ASFLMB-BLANK ABRACON-ASFLMB-BLANK Datasheet
1Mb / 2P
   Programmer for PureSilicon Oscillators
05/16/11
logo
STMicroelectronics
STEVAL-IPE005V1 STMICROELECTRONICS-STEVAL-IPE005V1 Datasheet
337Kb / 11P
   Demonstration programmer board based on the STPM01
logo
Melexis Microelectronic...
PTC04 MELEXIS-PTC04 Datasheet
630Kb / 15P
   Programmer for Melexis PTC Devices
logo
Freescale Semiconductor...
KTPFPGMEVMEUG FREESCALE-KTPFPGMEVMEUG Datasheet
2Mb / 48P
   KITPFPGMEVME Programmer for PF Series Devices
logo
Dallas Semiconductor
DS87000 DALLAS-DS87000 Datasheet
56Kb / 10P
   Microcontroller Programmer
logo
Maxim Integrated Produc...
DS87000 MAXIM-DS87000 Datasheet
47Kb / 10P
   Microcontroller Programmer
030700
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com