전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AZV99T+ 데이터시트(PDF) 6 Page - Arizona Microtek, Inc

부품명 AZV99T+
상세설명  PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AZM [Arizona Microtek, Inc]
홈페이지  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZV99T+ 데이터시트(HTML) 6 Page - Arizona Microtek, Inc

Back Button AZV99T+ Datasheet HTML 2Page - Arizona Microtek, Inc AZV99T+ Datasheet HTML 3Page - Arizona Microtek, Inc AZV99T+ Datasheet HTML 4Page - Arizona Microtek, Inc AZV99T+ Datasheet HTML 5Page - Arizona Microtek, Inc AZV99T+ Datasheet HTML 6Page - Arizona Microtek, Inc AZV99T+ Datasheet HTML 7Page - Arizona Microtek, Inc AZV99T+ Datasheet HTML 8Page - Arizona Microtek, Inc AZV99T+ Datasheet HTML 9Page - Arizona Microtek, Inc AZV99T+ Datasheet HTML 10Page - Arizona Microtek, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Arizona Microtek, Inc.
AZV99
PECL/LVDS Oscillator Gain Stage &
Buffer with Selectable Enable
www.azmicrotek.com
+1-480-962-5881
6
Request a Sample
May 2012, Rev 2.0
D
D
VBB
R1
See table
R2
470
Ω
C2
3.3 or 5 V
CMOS
EL16VO
Front End
C1
0.01
μF
AC Coupling Capacitor
Figure 2 - Application circuit for CMOS inputs
Table 8 – Recommended Component Values for CMOS Single Ended Inputs
Input Type
R1
1 Value
AC Coupled (C2 in circuit)
DC Coupled (C2 shorted)
3.3 V CMOS
1.1 kΩ
2.0 kΩ
5.0 V CMOS
1.6 kΩ
3.3 kΩ
1.
R1 should be chosen so that the input swing on the D input with respect to D
¯
is in the range of ±80 to ±1000 mV, per the AC Characteristics table and the
D input is < ±750 mV with respect to VBB.


유사한 부품 번호 - AZV99T+

제조업체부품명데이터시트상세설명
logo
Arizona Microtek, Inc
AZV99T++ AZM-AZV99T+ Datasheet
226Kb / 15P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
More results

유사한 설명 - AZV99T+

제조업체부품명데이터시트상세설명
logo
Arizona Microtek, Inc
AZV99 AZM-AZV99 Datasheet
226Kb / 15P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
AZV99 AZM-AZV99_09 Datasheet
260Kb / 16P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VR AZM-AZ100LVEL16VR Datasheet
191Kb / 13P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VT AZM-AZ100LVEL16VT Datasheet
215Kb / 13P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VR AZM-AZ100LVEL16VR_12 Datasheet
739Kb / 9P
   PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
logo
List of Unclassifed Man...
AZ100LVEL16VR ETC-AZ100LVEL16VR Datasheet
178Kb / 6P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
logo
Arizona Microtek, Inc
AZ100LVEL16VT AZM-AZ100LVEL16VT_12 Datasheet
486Kb / 9P
   PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ10EL16VO AZM-AZ10EL16VO Datasheet
258Kb / 18P
   ECL/PECL Oscillator Gain Stage and Buffer with Enable
logo
List of Unclassifed Man...
AZ10EL16VO ETC2-AZ10EL16VO Datasheet
258Kb / 18P
   ECL/PECL Oscillator Gain Stage and Buffer with Enable
logo
Arizona Microtek, Inc
AZ100LVEL16VV AZM-AZ100LVEL16VV_12 Datasheet
473Kb / 9P
   Dual Frequency PECL/ECL Oscillator Gain Stage & Buffer with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com