전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N4403 데이터시트(PDF) 3 Page - Unisonic Technologies

부품명 2N4403
상세설명  PNP GENERAL PURPOSE AMPLIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N4403 데이터시트(HTML) 3 Page - Unisonic Technologies

  2N4403 Datasheet HTML 1Page - Unisonic Technologies 2N4403 Datasheet HTML 2Page - Unisonic Technologies 2N4403 Datasheet HTML 3Page - Unisonic Technologies 2N4403 Datasheet HTML 4Page - Unisonic Technologies 2N4403 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2N4403
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R201-053.D
TEST CIRCUIT
1KΩ
50Ω
200
Ω
-30V
-16V
0
Figure 1. Saturated Turn-On Switching Timer
220ns
1KΩ
50Ω
37Ω
-6V
Figure 2. Saturated Turn-Off Switching Timer
1.5V
1k
Note: BVEBO=5V
220ns
-30V
0
FOR
IS SU E
JUL 17.2007
文件管 理 中心
UTC
Doc.Control
Center


유사한 부품 번호 - 2N4403

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
297Kb / 6P
   General Purpose Transistors(PNP Silicon)
1996
logo
SEMTECH ELECTRONICS LTD...
2N4403 SEMTECH_ELEC-2N4403 Datasheet
333Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
Rohm
2N4403 ROHM-2N4403 Datasheet
90Kb / 4P
   PNP Medium Power Transistor (Switching)
logo
Micro Commercial Compon...
2N4403 MCC-2N4403 Datasheet
180Kb / 4P
   PNP General Purpose Amplifier
logo
Rohm
2N4403 ROHM-2N4403 Datasheet
40Kb / 1P
   PNP Medium Power Transistor (Switching)
More results

유사한 설명 - 2N4403

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
   PNP General Purpose Amplifier
logo
Micro Commercial Compon...
MMBT2907A MCC-MMBT2907A Datasheet
89Kb / 3P
   PNP General Purpose Amplifier
logo
Fairchild Semiconductor
BC214L FAIRCHILD-BC214L Datasheet
27Kb / 4P
   PNP General Purpose Amplifier
logo
Unisonic Technologies
MMBT4403 UTC-MMBT4403 Datasheet
137Kb / 5P
   PNP GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
   PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
   PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
   PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
   PNP General Purpose Amplifier
MPS6562 FAIRCHILD-MPS6562_07 Datasheet
295Kb / 7P
   PNP General Purpose Amplifier
BCW89 FAIRCHILD-BCW89 Datasheet
77Kb / 3P
   PNP General Purpose Amplifier
logo
Galaxy Semi-Conductor H...
BC807 BILIN-BC807 Datasheet
193Kb / 5P
   PNP General Purpose Amplifier
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com