전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC1384 데이터시트(PDF) 4 Page - Unisonic Technologies

부품명 2SC1384
상세설명  NPN SILICON TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC1384 데이터시트(HTML) 4 Page - Unisonic Technologies

  2SC1384_11 Datasheet HTML 1Page - Unisonic Technologies 2SC1384_11 Datasheet HTML 2Page - Unisonic Technologies 2SC1384_11 Datasheet HTML 3Page - Unisonic Technologies 2SC1384_11 Datasheet HTML 4Page - Unisonic Technologies 2SC1384_11 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SC1384
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R211-005.D
TYPICAL CHARACTERISTICS(Cont.)
-1
-3
-10
-30
-100
Emitter Current, IE (mA)
0
20
60
100
140
160
200
VCB=10V
TA=25℃
40
80
120
180
1
3
10
30
100
Collector To Base Voltage, VCB (V)
0
5
15
25
35
40
50
IE=0
F=1MHz
TA=25℃
10
20
30
45
Transition Frequency vs.
Emitter Current
Collector Output Capacitance vs.
Collector to Base Voltage
100
Base To Emitter Resistance, RBE (KΩ)
0
40
60
80
100
120
20
0.1
0.3
13
10
30
IC=10mA
TA=25℃
VCE=10V
0
20 40 60 80 100 120 140 160
Ambient Temperature, TA (℃)
1
10
10
2
10
3
10
4
Collector to Emitter Voltage vs.
Base to Emitter Resistance
Collector to Emitter Current vs.
Ambient Temperature


유사한 부품 번호 - 2SC1384_11

제조업체부품명데이터시트상세설명
logo
Nanjing International G...
2SC1384-TA DGNJDZ-2SC1384-TA Datasheet
2Mb / 4P
   TO-92L Plastic-Encapsulate Transistors
logo
Unisonic Technologies
2SC1384-X-AB3-R UTC-2SC1384-X-AB3-R Datasheet
251Kb / 5P
   NPN SILICON TRANSISTOR
2SC1384-X-T9N-B UTC-2SC1384-X-T9N-B Datasheet
251Kb / 5P
   NPN SILICON TRANSISTOR
2SC1384-X-T9N-K UTC-2SC1384-X-T9N-K Datasheet
251Kb / 5P
   NPN SILICON TRANSISTOR
2SC1384-X-T9N-R UTC-2SC1384-X-T9N-R Datasheet
251Kb / 5P
   NPN SILICON TRANSISTOR
More results

유사한 설명 - 2SC1384_11

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com