전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AZV358M-E1 데이터시트(PDF) 10 Page - BCD Semiconductor Manufacturing Limited

부품명 AZV358M-E1
상세설명  DUAL LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BCDSEMI [BCD Semiconductor Manufacturing Limited]
홈페이지  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZV358M-E1 데이터시트(HTML) 10 Page - BCD Semiconductor Manufacturing Limited

Back Button AZV358M-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZV358M-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZV358M-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZV358M-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZV358M-E1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZV358M-E1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AZV358M-E1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AZV358M-E1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AZV358M-E1 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
DUAL LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
AZV358
Data Sheet
10
Mar. 2010 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
Typical Performance Characteristics (Continued)
Figure 20. THD+N vs. Frequency
100
1k
10k
100k
1E-3
0.01
0.1
1
V
O=2.5Vp-p
V
CC=2.5V, VEE=-2.5V
R
L=10K
A
V=1
Frequency (Hz)
20
V
O=1Vp-p
Figure 23. Non-Inverting Input Small Signal Response
VIN
VOUT
VCC=2.5V
VEE=-2.5V
CL=50pF,
RL=2KΩ
VIN=100mVp-p
Unity Gain
Figure 22. Non-Inverting Input Large Signal
Pulse Response
VCC=5V, VEE=0V
RL=2KΩ
VIN=1Vp-p
Unity Gain
VIN
VOUT
Figure 21. Non-Inverting Input Small Signal
Pulse Response
VCC=5V, VEE=0V
RL=2KΩ
VIN=100mVp-p
Unity Gain
VIN
VOUT


유사한 부품 번호 - AZV358M-E1

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
AZV358M-E1 DIODES-AZV358M-E1 Datasheet
445Kb / 15P
   DUAL LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results

유사한 설명 - AZV358M-E1

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
AZV358 DIODES-AZV358 Datasheet
445Kb / 15P
   DUAL LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LMV321 NSC-LMV321_14 Datasheet
1Mb / 45P
   Low-Voltage Rail-To-Rail Output Operational Amplifiers
logo
Texas Instruments
LMV321 TI-LMV321_10 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321 Datasheet
792Kb / 31P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321DBVR TI-LMV321DBVR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358DR TI-LMV358DR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321A TI1-LMV321A_18 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV358 TI1-LMV358_16 Datasheet
2Mb / 50P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV821 TI-LMV821_10 Datasheet
764Kb / 35P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321_08 Datasheet
1Mb / 37P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com