전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M1008G-P28-T 데이터시트(PDF) 10 Page - Unisonic Technologies

부품명 M1008G-P28-T
상세설명  16-BIT CCD/CIS ANALOG SIGNAL PROCESSOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M1008G-P28-T 데이터시트(HTML) 10 Page - Unisonic Technologies

Back Button M1008G-P28-T Datasheet HTML 3Page - Unisonic Technologies M1008G-P28-T Datasheet HTML 4Page - Unisonic Technologies M1008G-P28-T Datasheet HTML 5Page - Unisonic Technologies M1008G-P28-T Datasheet HTML 6Page - Unisonic Technologies M1008G-P28-T Datasheet HTML 7Page - Unisonic Technologies M1008G-P28-T Datasheet HTML 8Page - Unisonic Technologies M1008G-P28-T Datasheet HTML 9Page - Unisonic Technologies M1008G-P28-T Datasheet HTML 10Page - Unisonic Technologies M1008G-P28-T Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
M1008
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
10 of 11
www.unisonic.com.tw
QW-R502-434.a
TYPICAL APPLICATIONS CIRCUIT
CDS Mode
1
CDSCLK1
2
CDSCLK2
3
ADCCLK
4
OE
5
DRVDD
6
DRVSS
7
D7(MSB)
8
D6
9
D5
10
D4
11
D3
12
D2
13
D1
14
D0(LSB)
28
AVDD
27
AVSS
26
VINR
25
OFFSET
24
VING
23
CML
22
VINB
21
REFT
20
REFB
19
AVSS
18
AVDD
17
SLOAD
16
SCLK
15
SDATA
µP
5V/3V
Data outputs
5V
0.1µF
0.1µF
10µF
0.1µF
0.1µF
5V
0.1µF
0.1µF
0.1µF
1µF
0.1µF
0.1µF
0.1µF
Red Input
Green Input
Blue Input
CDSCLK1
CDSCLK2
ADCCLK
SLOAD
SCLK
SDATA
M1008
SHA Mode


유사한 부품 번호 - M1008G-P28-T

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
M1008G-P28-T UTC-M1008G-P28-T Datasheet
372Kb / 11P
   16-BIT CCD/CIS ANALOG SIGNAL PROCESSOR
More results

유사한 설명 - M1008G-P28-T

제조업체부품명데이터시트상세설명
logo
Holtek Semiconductor In...
HT82V38 HOLTEK-HT82V38 Datasheet
137Kb / 16P
   16-Bit CCD/CIS Analog Signal Processor
HT82V38 HOLTEK-HT82V38_14 Datasheet
164Kb / 16P
   16-Bit CCD/CIS Analog Signal Processor
HT82V36 HOLTEK-HT82V36_08 Datasheet
145Kb / 12P
   16-Bit CCD/CIS Analog Signal Processor
HT82V16 HOLTEK-HT82V16 Datasheet
139Kb / 12P
   16-Bit CCD/CIS Analog Signal Processor
HT82V26A HOLTEK-HT82V26A_12 Datasheet
176Kb / 17P
   16-Bit CCD/CIS Analog Signal Processor
HT82V36 HOLTEK-HT82V36 Datasheet
123Kb / 10P
   16-Bit CCD/CIS Analog Signal Processor
HT82V26 HOLTEK-HT82V26 Datasheet
175Kb / 16P
   16-Bit CCD/CIS Analog Signal Processor
HT82V26A HOLTEK-HT82V26A Datasheet
196Kb / 17P
   16-Bit CCD/CIS Analog Signal Processor
logo
Unisonic Technologies
M1008 UTC-M1008_15 Datasheet
372Kb / 11P
   16-BIT CCD/CIS ANALOG SIGNAL PROCESSOR
logo
Holtek Semiconductor In...
HT82V42 HOLTEK-HT82V42_10 Datasheet
413Kb / 24P
   Single-channel 16-Bit CCD/CIS Analog Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com