전자부품 데이터시트 검색엔진 |
|
L-12221 데이터시트(PDF) 4 Page - Rhombus Industries Inc. |
|
L-12221 데이터시트(HTML) 4 Page - Rhombus Industries Inc. |
4 / 5 page For other values & Custom Designs, contact factory. Specifications subject to change without notice. 15801 Chemical Lane, Huntington Beach, CA 92649-1595 Tel: (714) 898-0960 • Fax: (714) 896-0971 Rhombus Industries Inc. Flammability: Materials used in the production of these units are UL94-VO and meet requirements of IEC 695-2-2 needle flame test. www.rhombus-ind.com A B C D .750" TYP. Pkg. ( Dimensions in inches ) Code A B C D 9 1.100 1.010 0.237 0.175 10 1.390 1.010 0.315 0.190 11 1.390 1.380 0.315 0.190 L DCR I Lead Part + 20% Nom. Max. Size Pkg. Number ( µH ) ( m Ω ) ( A ) AWG Code L-12530 80 17 19.3 14 9 L-12531 100 27 16.0 15 9 L-12534 180 40 12.5 16 9 L-12536 300 78 10.0 17 9 L-12538 450 100 8.0 18 9 L-12540 700 150 6.4 19 9 L-12543 1300 260 5.0 20 9 L-12545 2000 350 4.5 20 9 L-12254 100 22 12.0 14 10 L-12256 200 38 10.0 15 10 L-12257 300 56 8.5 16 10 L-12259 450 70 8.5 16 10 L-12262 700 130 5.5 18 10 L-12264 1000 166 5.5 18 10 L-12266 1500 250 4.3 20 10 L-12267 2000 340 3.4 20 10 L-12560 150 16 20.5 12 11 L-12561 400 43 11.9 14 11 L-12563 500 61 10.6 15 11 L-12564 1000 109 7.6 16 11 L-12566 1500 141 6.2 16 11 L-12567 2000 181 5.8 17 11 L-12569 3000 300 4.5 18 11 L-12571 4700 470 3.5 19 11 L-12573 7000 680 3.0 20 11 Power Line Chokes Drum Core Style Applications Power Amplifiers Filters Power Supplies SCR and Triac Controls Speaker Crossover Networks RFI Suppression Pre-Tinned Leads Center hole for mechanical mounting Coils finished with Polyolefin Shrink Tube Test Frequency 1 kHz |
유사한 부품 번호 - L-12221 |
|
유사한 설명 - L-12221 |