전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC3500G-XX-AE3-R 데이터시트(PDF) 6 Page - Unisonic Technologies

부품명 UC3500G-XX-AE3-R
상세설명  HIGH EFFICIENCY VFM CONTROLLED STEP-UP DC/DC CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3500G-XX-AE3-R 데이터시트(HTML) 6 Page - Unisonic Technologies

Back Button UC3500G-XX-AE3-R Datasheet HTML 2Page - Unisonic Technologies UC3500G-XX-AE3-R Datasheet HTML 3Page - Unisonic Technologies UC3500G-XX-AE3-R Datasheet HTML 4Page - Unisonic Technologies UC3500G-XX-AE3-R Datasheet HTML 5Page - Unisonic Technologies UC3500G-XX-AE3-R Datasheet HTML 6Page - Unisonic Technologies UC3500G-XX-AE3-R Datasheet HTML 7Page - Unisonic Technologies UC3500G-XX-AE3-R Datasheet HTML 8Page - Unisonic Technologies UC3500G-XX-AE3-R Datasheet HTML 9Page - Unisonic Technologies UC3500G-XX-AE3-R Datasheet HTML 10Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
UC3500
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 11
www.unisonic.com.tw
QW-R502-072.E
ELECTRICAL CHARACTERISTICS(Cont.)
UC3500-3.6V
(VIN =2.2V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
IOUT = 10mA
3.49
3.6
3.71
V
Start-up Voltage (VIN-VF) (Note)
VSTART
IOUT = 0
0.7
1.1
V
IOUT = 1mA
0.8
1.2
V
Hold-on Voltage
VHOLD
IOUT = 0
0.4
0.6
V
IOUT = 1mA
0.3
0.5
V
Supply Current
ISUPPLY
IOUT = 0
18
µA
Internal Switch RDS(ON)
RLX
ILX = 100mA
750
mΩ
Internal Leakage Current
ILX(LEAK)
VLX = 4V, VOUT = 3.9V
0.1
0.3
µA
Maximum Oscillator Frequency
fOSC
IOUT = 10mA
150
KHz
Oscillator Duty Cycle
Dty
IOUT = 10mA
75
%
Efficiency
η
IOUT = 10mA
84
%
IOUT = 50mA
86
%
IOUT = 100mA
85
%
UC3500-4.0V
(VIN =2.4V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
IOUT = 10mA
3.88
4.0
4.12
V
Start-up Voltage (VIN-VF) (Note)
VSTART
IOUT = 0
0.7
1.1
V
IOUT = 1mA
0.8
1.2
V
Hold-on Voltage
VHOLD
IOUT = 0
0.4
0.6
V
IOUT = 1mA
0.3
0.5
V
Supply Current
ISUPPLY
IOUT = 0
19
µA
Internal Switch RDS(ON)
RLX
ILX = 100mA
740
mΩ
Internal Leakage Current
ILX(LEAK)
VLX = 4V, VOUT = 4.3V
0.1
0.3
µA
Maximum Oscillator Frequency
fOSC
IOUT = 10mA
150
KHz
Oscillator Duty Cycle
Dty
IOUT = 10mA
75
%
Efficiency
η
IOUT = 10mA
85
%
IOUT = 50mA
87
%
IOUT = 100mA
85
%
UC3500-5.0V
(VIN = 3.0V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
IOUT = 10mA
4.85
5.0
5.15
V
Start-up Voltage (VIN-VF) (Note)
VSTART
IOUT = 0
0.7
1.1
V
IOUT = 1mA
0.8
1.2
V
Hold-on Voltage
VHOLD
IOUT = 0
0.4
0.6
V
IOUT = 1mA
0.3
0.5
V
Supply Current
ISUPPLY
IOUT = 0
19
µA
Internal Switch RDS(ON)
RLX
ILX = 100mA
730
mΩ
Internal Leakage Current
ILX(LEAK)
VLX = 4V, VOUT = 5.3V
0.1
0.3
µA
Maximum Oscillator Frequency
fOSC
IOUT = 10mA
150
KHz
Oscillator Duty Cycle
Dty
IOUT = 10mA
75
%
Efficiency
η
IOUT = 10mA
86
%
IOUT = 50mA
88
%
IOUT = 100mA
85
%
Note: VF references to the forward voltage of the diode.


유사한 부품 번호 - UC3500G-XX-AE3-R

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
UC3500G-XX-AE3-R UTC-UC3500G-XX-AE3-R Datasheet
539Kb / 12P
   HIGH EFFICIENCY VFM CONTROLLED STEP-UP DC/DC CONVERTER
UC3500G-XX-AE3-R UTC-UC3500G-XX-AE3-R Datasheet
418Kb / 10P
   HIGH EFFICIENCY VFMCONTROLLED STEP-UP DC/DC CONVERTER
More results

유사한 설명 - UC3500G-XX-AE3-R

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
UC3500 UTC-UC3500_09 Datasheet
539Kb / 12P
   HIGH EFFICIENCY VFM CONTROLLED STEP-UP DC/DC CONVERTER
UC3500 UTC-UC3500 Datasheet
143Kb / 9P
   HIGH EFFICIENCY VFM CONTROLLED STEP-UP DC/DC CONVERTER
logo
Richtek Technology Corp...
RT9261 RICHTEK-RT9261_07 Datasheet
153Kb / 12P
   VFM Step-Up DC/DC Converter
logo
RICOH electronics devic...
RH5RI301B RICOH-RH5RI301B Datasheet
179Kb / 24P
   VFM STEP-UP DC/DC CONVERTER?
logo
Richtek Technology Corp...
RT9261B RICHTEK-RT9261B_07 Datasheet
127Kb / 8P
   VFM Step-Up DC/DC Converter
RT9261 RICHTEK-RT9261 Datasheet
219Kb / 14P
   VFM Step-up DC/DC Converter
logo
RICOH electronics devic...
RH5RIXX1B RICOH-RH5RIXX1B Datasheet
178Kb / 24P
   VFM STEP-UP DC/DC CONVERTER
logo
Richtek Technology Corp...
RT9261B RICHTEK-RT9261B Datasheet
193Kb / 10P
   VFM Step-up DC/DC Converter
logo
RICOH electronics devic...
RN5RY202 RICOH-RN5RY202 Datasheet
59Kb / 9P
   VFM STEP-UP DC/DC CONVERTER CONTROLLER
logo
Advanced Power Electron...
APE2901 A-POWER-APE2901 Datasheet
371Kb / 10P
   MICROPOWER VFM STEP-UP DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com