전자부품 데이터시트 검색엔진 |
|
UC3551 데이터시트(PDF) 2 Page - Unisonic Technologies |
|
UC3551 데이터시트(HTML) 2 Page - Unisonic Technologies |
2 / 6 page UC3551 Preliminary CMOS IC UNISONICTECHNOLOGIESCO.,LTD 2 of 6 www.unisonic.com.tw QW-R502-555.a MARKING INFORMATION PACKAGE VOLTAGE CODE MARKING SOT-26 AD:ADJ PIN CONFIGURATION PIN DESCRIPTION PIN NO. PIN NAME DESCRIPTION 1 CE Chip enable UC3551 gets into shutdown mode when CE pin set to low. 2 EXT Output pin for driving external NMOS 3 GND Ground 4 LX Pin for switching 5 VDD Input positive power pin of UC3551 6 FB Feedback input pin Internal reference voltage for the error amplifier is 1.25V. |
유사한 부품 번호 - UC3551 |
|
유사한 설명 - UC3551 |