전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L-12445 데이터시트(PDF) 4 Page - Rhombus Industries Inc.

부품명 L-12445
상세설명  Power Line Chokes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RHOMBUS-IND [Rhombus Industries Inc.]
홈페이지  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

L-12445 데이터시트(HTML) 4 Page - Rhombus Industries Inc.

  L-12445 Datasheet HTML 1Page - Rhombus Industries Inc. L-12445 Datasheet HTML 2Page - Rhombus Industries Inc. L-12445 Datasheet HTML 3Page - Rhombus Industries Inc. L-12445 Datasheet HTML 4Page - Rhombus Industries Inc. L-12445 Datasheet HTML 5Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Tel: (714) 898-0960 • Fax: (714) 896-0971
Rhombus
Industries Inc.
Flammability: Materials used in the
production of these units are UL94-VO
and meet requirements of IEC 695-2-2
needle flame test.
www.rhombus-ind.com
A
B
C
D
.750"
TYP.
Pkg.
( Dimensions in inches )
Code
A
B
C
D
9
1.100
1.010
0.237
0.175
10
1.390
1.010
0.315
0.190
11
1.390
1.380
0.315
0.190
L
DCR
I
Lead
Part
+ 20%
Nom.
Max.
Size
Pkg.
Number
(
µH )
( m
Ω )
( A )
AWG
Code
L-12530
80
17
19.3
14
9
L-12531
100
27
16.0
15
9
L-12534
180
40
12.5
16
9
L-12536
300
78
10.0
17
9
L-12538
450
100
8.0
18
9
L-12540
700
150
6.4
19
9
L-12543
1300
260
5.0
20
9
L-12545
2000
350
4.5
20
9
L-12254
100
22
12.0
14
10
L-12256
200
38
10.0
15
10
L-12257
300
56
8.5
16
10
L-12259
450
70
8.5
16
10
L-12262
700
130
5.5
18
10
L-12264
1000
166
5.5
18
10
L-12266
1500
250
4.3
20
10
L-12267
2000
340
3.4
20
10
L-12560
150
16
20.5
12
11
L-12561
400
43
11.9
14
11
L-12563
500
61
10.6
15
11
L-12564
1000
109
7.6
16
11
L-12566
1500
141
6.2
16
11
L-12567
2000
181
5.8
17
11
L-12569
3000
300
4.5
18
11
L-12571
4700
470
3.5
19
11
L-12573
7000
680
3.0
20
11
Power Line
Chokes Drum
Core Style
Applications
Power Amplifiers
Filters Power Supplies
SCR and Triac Controls
Speaker Crossover Networks
RFI Suppression
Pre-Tinned Leads
Center hole for mechanical mounting
Coils finished with Polyolefin Shrink Tube
Test Frequency 1 kHz


유사한 부품 번호 - L-12445

제조업체부품명데이터시트상세설명
logo
Rhombus Industries Inc.
L-12453 RHOMBUS-IND-L-12453 Datasheet
19Kb / 1P
   POWER LINE CHOKE
L-12478 RHOMBUS-IND-L-12478 Datasheet
19Kb / 1P
   POWER LINE CHOKE
More results

유사한 설명 - L-12445

제조업체부품명데이터시트상세설명
logo
EPCOS
B82723A2501N001 EPCOS-B82723A2501N001 Datasheet
145Kb / 7P
   Power line chokes
B82747S4183N021 EPCOS-B82747S4183N021 Datasheet
144Kb / 6P
   Power line chokes
B82791G2251N020 EPCOS-B82791G2251N020 Datasheet
144Kb / 7P
   Power line chokes
B82720A EPCOS-B82720A Datasheet
111Kb / 6P
   Power line chokes
B82720S2301N042 EPCOS-B82720S2301N042 Datasheet
150Kb / 8P
   Power line chokes
B82625 EPCOS-B82625_10 Datasheet
115Kb / 7P
   Power line chokes
B82732W2901B30 EPCOS-B82732W2901B30 Datasheet
556Kb / 6P
   Power line chokes
logo
RENCO ELECTRONICS, INC.
RL-1282 RENCO-RL-1282 Datasheet
1Mb / 3P
   POWER LINE CHOKES
RL-1284 RENCO-RL-1284 Datasheet
1Mb / 3P
   POWER LINE CHOKES
logo
EPCOS
B82722J2301N002 EPCOS-B82722J2301N002 Datasheet
136Kb / 8P
   Power line chokes
B82523T0000E005 EPCOS-B82523T0000E005 Datasheet
137Kb / 6P
   Power line chokes
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com