전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC3750 데이터시트(PDF) 1 Page - Unisonic Technologies

부품명 UC3750
상세설명  600kHZ PWM/PFM STEP-DOWN DC-DC CONTROLLER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3750 데이터시트(HTML) 1 Page - Unisonic Technologies

  UC3750 Datasheet HTML 1Page - Unisonic Technologies UC3750 Datasheet HTML 2Page - Unisonic Technologies UC3750 Datasheet HTML 3Page - Unisonic Technologies UC3750 Datasheet HTML 4Page - Unisonic Technologies UC3750 Datasheet HTML 5Page - Unisonic Technologies UC3750 Datasheet HTML 6Page - Unisonic Technologies UC3750 Datasheet HTML 7Page - Unisonic Technologies UC3750 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UC3750
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 8
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-360.b
600kHZ PWM/PFM STEP-DOWN
DC-DC CONTROLLER
DESCRIPTION
The UTC UC3750 is a high frequency, micropower, voltage
mode step-down DC-DC controller IC and is designed for battery
operated hand-held electronic products. It can provide up to 2.0A
loading current with conversion efficiency by connection of
appropriate external P-type MOSFET. It also can be applied to
operate for voltage regulation with minimum external components
and board space.
The UTC UC3750 can operate in the constant -frequency PWM
(Pulse Width Modulation) mode that provide low output ripple noise
in the normal operation and will automatically switch to PFM(Pulse
Frequency Modulation) mode at low output loads for higher
efficiency. Moreover, it is ideal for portable applications profited from
Chip Enable (CE) to reduce IC off-stage current and integrated
feedback resistor network.
The UTC UC3750 is suitable for applications, such as PDA,
camcorders and digital still camera, hand-held instrument, distributed
power system, computer peripheral, conversion from four NiMH or
NiCd or one Lithium-ion cells to 3.3V/1.8V.
FEATURES
* High efficiency: 92% (Typ.)
* Low quiescent bias current :50μA
* Low shutdown current:0.3μA (Typ.)
* Output voltage:1.8V~3.3V ±2.0%
* Low output voltage ripple:50mV (Typ.)
* Built-in soft-start (SS)
* Pulse Width Modulation (PWM)switching
frequency:600kHz
* Automatic PWM/PFM switchover under light load
condition
* Very low dropout operation, 100% max. duty cycle
* Chip enable(CE) pin with on-chip 150nA pull-up current
source
* Input voltage:2.45V- 5.5V
* Internal under-voltage lockout (UVLO) protection
* Low profile and minimum external components
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
UC3750L-xx-AF5-R
UC3750G-xx-AF5-R
SOT-25
Tape Reel
Note: xx: Output Voltage, refer to Marking Information.


유사한 부품 번호 - UC3750

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
UC3750 UTC-UC3750 Datasheet
211Kb / 9P
   600kHZ PWM/PFM STEP-DOWN DC-DC CONTROLLER
UC3750G-XX-AF5-R UTC-UC3750G-XX-AF5-R Datasheet
211Kb / 9P
   600kHZ PWM/PFM STEP-DOWN DC-DC CONTROLLER
More results

유사한 설명 - UC3750

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
UC3750 UTC-UC3750 Datasheet
211Kb / 9P
   600kHZ PWM/PFM STEP-DOWN DC-DC CONTROLLER
logo
SHANGHAI BELLING CO., L...
BL8523 BELLING-BL8523 Datasheet
525Kb / 5P
   PWM/PFM Step-down DC-DC Controller
logo
Microchip Technology
TC105 MICROCHIP-TC105 Datasheet
433Kb / 14P
   PFM/PWM Step-Down DC/DC Controller
2002
TC105 MICROCHIP-TC105_13 Datasheet
197Kb / 14P
   PFM/PWM Step-Down DC/DC Controller
2001-2012 10/26/12
logo
Anachip Corp
AP1625 ANACHIP-AP1625 Datasheet
159Kb / 5P
   PWM/PFM Dual Mode Step-down DC/DC Controller
logo
ON Semiconductor
NCP1550SN18T1 ONSEMI-NCP1550SN18T1 Datasheet
191Kb / 18P
   600 kHz PWM/PFM Step-Down DC-DC Controller
September, 2004 ??Rev. 6
logo
Unisonic Technologies
M7085 UTC-M7085 Datasheet
130Kb / 8P
   PFM STEP-DOWN DC-DC CONTROLLER
M7085 UTC-M7085_12 Datasheet
231Kb / 7P
   PFM STEP-DOWN DC-DC CONTROLLER
logo
Microchip Technology
TC110 MICROCHIP-TC110 Datasheet
464Kb / 16P
   PFM/PWM Step-Up DC/DC Controller
2002
TC110 MICROCHIP-TC110 Datasheet
465Kb / 16P
   PFM/PWM Step-Up DC/DC Controller
2002
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com