전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ULN2004 데이터시트(PDF) 1 Page - Unisonic Technologies

부품명 ULN2004
상세설명  7CH DARLINGTON SINK DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULN2004 데이터시트(HTML) 1 Page - Unisonic Technologies

  ULN2004_10 Datasheet HTML 1Page - Unisonic Technologies ULN2004_10 Datasheet HTML 2Page - Unisonic Technologies ULN2004_10 Datasheet HTML 3Page - Unisonic Technologies ULN2004_10 Datasheet HTML 4Page - Unisonic Technologies ULN2004_10 Datasheet HTML 5Page - Unisonic Technologies ULN2004_10 Datasheet HTML 6Page - Unisonic Technologies ULN2004_10 Datasheet HTML 7Page - Unisonic Technologies ULN2004_10 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
ULN2004
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 8
Copyright © 2010 Unisonic Technologies Co., LTD
QW-R113-008.B
7CH DARLINGTON SINK
DRIVER
DESCRIPTION
The UTC ULN2004 are high-voltage, high-current darlington
drivers comprised of seven NPN darlingto pairs.
All units feature integral clamp diodes for switching inductive
loads.
Applications include relay, hammer, lamp and display (LED)
drivers.
FEATURES
*Output current (single output): 500mA (MAX.)
*High sustaining voltage output: 50V (MIN.)
*Output clamp diodes
*Inputs compatible with various types of logic
DIP-16
SOP-16
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
ULN2004L-D16-T
ULN2004G-D16-T
DIP-16
Tube
ULN2004L-S16-R
ULN2004G-S16-R
SOP-16
Tape Reel
ULN2004L-S16-T
ULN2004G-S16-T
SOP-16
Tube


유사한 부품 번호 - ULN2004_10

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
ULN2004D1013TR STMICROELECTRONICS-ULN2004D1013TR Datasheet
163Kb / 14P
   Seven darlington array
ULN2004D1013TR STMICROELECTRONICS-ULN2004D1013TR Datasheet
605Kb / 14P
   Seven darlington array
More results

유사한 설명 - ULN2004_10

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TD62008APG TOSHIBA-TD62008APG Datasheet
472Kb / 10P
   7CH DARLINGTON SINK DRIVER
logo
Unisonic Technologies
ULN2003 UTC-ULN2003_11 Datasheet
328Kb / 10P
   7CH DARLINGTON SINK DRIVER
logo
Toshiba Semiconductor
TD62007P TOSHIBA-TD62007P Datasheet
237Kb / 6P
   7CH DARLINGTON SINK DRIVER
TD62008AP TOSHIBA-TD62008AP Datasheet
251Kb / 6P
   7CH DARLINGTON SINK DRIVER
ULN2003AP TOSHIBA-ULN2003AP Datasheet
374Kb / 11P
   7CH DARLINGTON SINK DRIVER
logo
Unisonic Technologies
ULN2003 UTC-ULN2003_15 Datasheet
391Kb / 10P
   7CH DARLINGTON SINK DRIVER
logo
Toshiba Semiconductor
TD62003FB TOSHIBA-TD62003FB Datasheet
293Kb / 7P
   7CH DARLINGTON SINK DRIVER
TD62003PA TOSHIBA-TD62003PA Datasheet
334Kb / 9P
   7CH DARLINGTON SINK DRIVER
TD62008AFWG TOSHIBA-TD62008AFWG Datasheet
171Kb / 8P
   7ch Darlington Sink Driver
TD620003 TOSHIBA-TD620003 Datasheet
278Kb / 10P
   7CH DARLINGTON SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com