전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD4541G-D14-T 데이터시트(PDF) 5 Page - Unisonic Technologies

부품명 CD4541G-D14-T
상세설명  PROGRAMMABLE TIMER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

CD4541G-D14-T 데이터시트(HTML) 5 Page - Unisonic Technologies

  CD4541G-D14-T Datasheet HTML 1Page - Unisonic Technologies CD4541G-D14-T Datasheet HTML 2Page - Unisonic Technologies CD4541G-D14-T Datasheet HTML 3Page - Unisonic Technologies CD4541G-D14-T Datasheet HTML 4Page - Unisonic Technologies CD4541G-D14-T Datasheet HTML 5Page - Unisonic Technologies CD4541G-D14-T Datasheet HTML 6Page - Unisonic Technologies CD4541G-D14-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
CD4541
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R502-037.C
OPERATING CHARACTERISTICS
With Auto Reset pin set to a “0” the counter circuit is initialized by turning on power. Or with power already on, the
counter circuit is reset when the Master Reset pin is set to a “1”. Both types of reset will result in synchronously
resetting all counter stages independent of counter state.
The RC oscillator frequency is determined by the external RC network, i.e.:
and RS ~ 2 RTC where RS≧10 kΩ
The time select inputs (A and B) provide a two-bit address to output any one of four counter stages (2
8, 210, 213,
and 2
16). The 2n counts as shown in the Division Ratio Table represent the Q output of the Nth stage of the counter.
When A is “1”, 2
16 is selected for both states of B.
However, when B is “0”, normal counting is interrupted and the 9th counter stage receives its clock directly from
the oscillator (i.e., effectively outputting 2
8).
The Q/Q select output control pin provides for a choice of output level. When the counter is in a reset condition
and Q/Q select pin is set to a “0” the Q output is a “0”. Correspondingly, when Q/Q select pin is set to a “1” the Q
output is a “1”.
When the mode control pin is set to a “1”, the selected count is continually transmitted to the output. But, with
mode pin “0” and after a reset condition the RS flip-flop resets (see Logic Diagram), counting commences and after
2
n-1 counts the RS flip-flop sets which causes the output to change state. Hence, after another 2n-1 counts the output
will not change. Thus, a Master Reset pulse must be applied or a change in the mode pin level is required to reset
the single cycle operation.
INTERNAL
RESET
RTC
21
RS
TO CLOCK
CIRCUIT
Oscillator Circuit Using RC Configuration
3
CTC


유사한 부품 번호 - CD4541G-D14-T

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD4541 TI-CD4541 Datasheet
93Kb / 9P
[Old version datasheet]   CMOS PROGRAMMABLE TIMER HIGH VOLTAGE TYPES(20V RATING)
logo
Fairchild Semiconductor
CD4541 FAIRCHILD-CD4541 Datasheet
77Kb / 8P
   Programmable Timer
logo
National Semiconductor ...
CD4541 NSC-CD4541 Datasheet
137Kb / 6P
   Programmable Timer
logo
Unisonic Technologies
CD4541 UTC-CD4541 Datasheet
73Kb / 7P
   PROGRAMMABLE TIMER CMOS IC
CD4541-D14-T UTC-CD4541-D14-T Datasheet
308Kb / 7P
   PROGRAMMABLE TIMER
More results

유사한 설명 - CD4541G-D14-T

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC14541B ONSEMI-MC14541B Datasheet
195Kb / 8P
   Programmable Timer
March, 2000 ??Rev. 6
logo
NXP Semiconductors
HEF4541B PHILIPS-HEF4541B Datasheet
144Kb / 8P
   Programmable timer
January 1995
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC_02 Datasheet
86Kb / 8P
   Programmable Timer
logo
SELEC Controls Pvt. Ltd
XT532 SELEC-XT532 Datasheet
135Kb / 2P
   PROGRAMMABLE TIMER
logo
Motorola, Inc
MC14536B MOTOROLA-MC14536B Datasheet
333Kb / 13P
   PROGRAMMABLE TIMER
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC Datasheet
77Kb / 8P
   Programmable Timer
logo
ON Semiconductor
MC14536B ONSEMI-MC14536B_06 Datasheet
150Kb / 14P
   Programmable Timer
April, 2006 ??Rev. 9
logo
System Logic Semiconduc...
SL4541B SLS-SL4541B Datasheet
47Kb / 5P
   Programmable Timer
logo
ON Semiconductor
MC14536B ONSEMI-MC14536B Datasheet
294Kb / 16P
   Programmable Timer
March, 2000 ??Rev. 5
logo
STMicroelectronics
HCC4536B STMICROELECTRONICS-HCC4536B Datasheet
351Kb / 17P
   PROGRAMMABLE TIMER
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com